Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR16006YDDCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16006YDDCR
Description  LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16006YDDCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR16006YDDCR Datasheet HTML 7Page - Texas Instruments LMR16006YDDCR Datasheet HTML 8Page - Texas Instruments LMR16006YDDCR Datasheet HTML 9Page - Texas Instruments LMR16006YDDCR Datasheet HTML 10Page - Texas Instruments LMR16006YDDCR Datasheet HTML 11Page - Texas Instruments LMR16006YDDCR Datasheet HTML 12Page - Texas Instruments LMR16006YDDCR Datasheet HTML 13Page - Texas Instruments LMR16006YDDCR Datasheet HTML 14Page - Texas Instruments LMR16006YDDCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMR16006
5 V, 0.6 A
CB
SW
FB
Cboot
100 nF
L1
22 µH
SHDN
VIN
VIN
GND
D1
Cin
R1
54.9 k
R2
10 k
Cout
10 µF
100 k
11
LMR16006
www.ti.com
SNVSA24 – OCTOBER 2014
Product Folder Links: LMR16006
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMR16006 is a step down DC-to-DC regulator. It is typically used to convert a higher DC voltage to a lower
DC voltage with a maximum output current of 600 mA. The following design procedure can be used to select
components for the LMR16006. This section presents a simplified discussion of the design process.
9.2 Typical Application
Figure 9. Application Circuit, 5 V Output
9.2.1 Design Requirements
Table 1. Design Example Parameters
Input Voltage, VIN
9 V to 16 V, Typical 12 V
Output Voltage, VOUT
5.0 V ± 3%
Maximum Output Current IO_max
0.6 A
Minimum Output Current IO_min
0.03 A
Transient Response 0.03 A to 0.6 A
5%
Output Voltage Ripple
1%
Switching Frequency Fsw
0.7 MHz
Target during Load Transient
Over Voltage Peak Value
106% of Output Voltage
Under Voltage Value
91% of Output Voltage
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design with WEBENCH Tools
Click here to create a custom design using the LMR16006 device with the WEBENCH® Power Designer.
1. Start by entering your VIN, VOUT and IOUT requirements.
2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and
compare this design with other possible solutions from Texas Instruments.
3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real
time pricing and component availability.
4. In most cases, you will also be able to:
Run electrical simulations to see important waveforms and circuit performance,


Similar Part No. - LMR16006YDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ TI-LMR16006YQ Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3 TI-LMR16006YQ3 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3DDCRQ1 TI-LMR16006YQ3DDCRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

Similar Description - LMR16006YDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com