Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR16006XDDCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16006XDDCT
Description  LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16006XDDCT Datasheet(HTML) 5 Page - Texas Instruments

  LMR16006XDDCT Datasheet HTML 1Page - Texas Instruments LMR16006XDDCT Datasheet HTML 2Page - Texas Instruments LMR16006XDDCT Datasheet HTML 3Page - Texas Instruments LMR16006XDDCT Datasheet HTML 4Page - Texas Instruments LMR16006XDDCT Datasheet HTML 5Page - Texas Instruments LMR16006XDDCT Datasheet HTML 6Page - Texas Instruments LMR16006XDDCT Datasheet HTML 7Page - Texas Instruments LMR16006XDDCT Datasheet HTML 8Page - Texas Instruments LMR16006XDDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
LMR16006
www.ti.com
SNVSA24 – OCTOBER 2014
Product Folder Links: LMR16006
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
(1)
Ensured by design
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, the following
conditions apply: VIN = SHDN = 12V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (Input Power Supply)
VIN
Operating input voltage
4
60
V
ISHDN
Shutdown supply current
VEN = 0 V
1
3
µA
IQ
Operating quiescent
current (non-switching)
no load, VIN = 12 V
28
µA
UVLO
Undervoltage lockout
thresholds
Rising threshold
4
V
Falling threshold
3
SHDN
VSHDN_Thre
Rising SHDN Threshold
Voltage
1.05
1.25
1.38
V
ISHDN
Input current
SHDN = 2.3 V
-4.2
µA
SHDN = 0.9 V
-1
ISHDN_HYS
Hysteresis current
-3
µA
HIGH-SIDE MOSFET
RDS_ON
On-resistance
VIN = 12 V, CB to SW = 5.8 V
900
m
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
0.747
0.765
0.782
V
CURRENT LIMIT
ILIMIT
Peak Current limit
VIN = 12 V, TJ = 25°C
1200
mA
1700
THERMAL PERFORMANCE
TSHDN
(1)
Thermal shutdown
threshold
170
ºC
THYS
(1)
Hysteresis
10
ºC
(1)
Ensured by design.
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SW (SW PIN)
fSW
Switching frequency
LMR16006X
595
700
805
kHz
LMR16006Y
1785
2100
2415
TON_MIN
(1)
Minimum turn-on time
fSW = 2.1 MHz
80
ns
DMAX
Maximum duty cycle
LMR16006X
96%
LMR16006Y
97%


Similar Part No. - LMR16006XDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ TI-LMR16006YQ Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3 TI-LMR16006YQ3 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3DDCRQ1 TI-LMR16006YQ3DDCRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

Similar Description - LMR16006XDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com