Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR16006 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16006
Description  LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16006 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR16006 Datasheet HTML 3Page - Texas Instruments LMR16006 Datasheet HTML 4Page - Texas Instruments LMR16006 Datasheet HTML 5Page - Texas Instruments LMR16006 Datasheet HTML 6Page - Texas Instruments LMR16006 Datasheet HTML 7Page - Texas Instruments LMR16006 Datasheet HTML 8Page - Texas Instruments LMR16006 Datasheet HTML 9Page - Texas Instruments LMR16006 Datasheet HTML 10Page - Texas Instruments LMR16006 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Input Voltage (V)
5
16
27
38
49
60
-1
-0.5
0
0.5
1
D008
Vin (V)
3.8
4.3
4.8
5.3
5.8
6.3
6.8
2
3
4
5
6
D009
600 mA Load
300 mA Load
100 mA Load
10 mA Load
7
LMR16006
www.ti.com
SNVSA24 – OCTOBER 2014
Product Folder Links: LMR16006
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 700 kHz, L1 = 22 µH, Cout = 10 µF, TA = 25°C.
VOUT = 5 V
IOUT = 600 mA
Figure 7. Line Regulation
VOUT=5 V
Figure 8. Dropout Curve


Similar Part No. - LMR16006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ TI-LMR16006YQ Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3 TI-LMR16006YQ3 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3DDCRQ1 TI-LMR16006YQ3DDCRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

Similar Description - LMR16006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com