Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG613DY
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613DY Datasheet(HTML) 3 Page - Vishay Siliconix

  DG613DY Datasheet HTML 1Page - Vishay Siliconix DG613DY Datasheet HTML 2Page - Vishay Siliconix DG613DY Datasheet HTML 3Page - Vishay Siliconix DG613DY Datasheet HTML 4Page - Vishay Siliconix DG613DY Datasheet HTML 5Page - Vishay Siliconix DG613DY Datasheet HTML 6Page - Vishay Siliconix DG613DY Datasheet HTML 7Page - Vishay Siliconix DG613DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG611/612/613
Vishay Siliconix
Document Number: 70057
S-00399—Rev. G, 13-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
P
Sb l
Test Conditions
Unless Otherwise Specified
V15 V V
3 V
T
b
T
c
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Ui
Parameter
Symbol
V+ = 15 V, V– = –3 V
VL = 5 V, VIN = 4 V, 1 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd Unit
Analog Switch
Analog Signal Rangee
VANALOG
V– = –5 V, V+ = 12 V
Full
–5
7
–5
7
V
Switch On-Resistance
rDS(on)
IS = –1 mA, VD = 0 V
Room
Full
18
45
60
45
60
W
Resistance
Match Bet Ch.
DrDS(on)
IS = –1 mA, VD = 0 V
Room
2
W
Source Off Leakage
IS(off)
VS = 0 V, VD = 10 V
Room
Hot
"0.001
–0.25
–20
0.25
20
–0.25
–20
0.25
20
A
Drain Off
Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Hot
"0.001
–0.25
–20
0.25
20
–0.25
–20
0.25
20
nA
Switch On
Leakage Current
ID(on)
VS = VD = 0 V
Room
Hot
"0.001
–0.4
–40
0.4
40
–0.4
–40
0.4
40
Digital Control
Input Voltage High
VIH
Full
4
4
V
Input Voltage Low
VIL
Full
1
1
V
Input Current
IIN
Room
Hot
0.005
–1
–20
1
20
–1
–20
1
20
mA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Off State Input Capacitance
CS(off)
VS = 0 V
Room
3
F
Off State Output Capacitance
CD(off)
VD = 0 V
Room
2
pF
On State Input Capacitance
CS(on)
VS = VD = 0 V
Room
10
Bandwidth
BW
RL = 50 W
Room
500
MHz
Turn-On Timee
tON
RL = 300 W, CL = 3 pF, VS = "2 V
ST
t Ci
it Fi
2
Room
12
25
25
Turn-Off Timee
tOFF
L
,
L
p,
S
See Test Circuit, Figure 2
Room
8
20
20
Turn-On Time
tON
RL = 300 W, CL = 75 pF
VS = "2 V
Room
Full
19
35
50
35
50
ns
Turn-Off Time
tOFF
VS = "2 V
See Test Circuit, Figure 2
Room
Full
16
25
35
25
35
Charge Injectione
Q
CL = 1 nF, VS= 0 V
Room
4
pC
Ch. Injection Changee, g
DQ
CL = 1 nF,
bV
S
b v 3 V
Room
3
4
4
pC
Off Isolatione
OIRR
RIN = 50 W, RL = 50 W
f = 5 MHz
Room
74
dB
Crosstalke
XTALK
RIN = 10 W, RL = 50 W, f = 5 MHz
Room
87
Power Supplies
Positive
Supply Curent
I+
V0 V
5 V
Room
Full
0.005
1
5
1
5
A
Negative
Supply Current
I–
VIN = 0 V or 5 V
Room
Full
–0.005
–1
–5
–1
–5
mA
Logic Supply Current
IL
VIN = 0 V or 5 V
Room
Full
0.005
1
5
1
5
mA
Ground Current
IGND
Room
Full
–0.005
–1
–5
–1
–5


Similar Part No. - DG613DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613DY VISHAY-DG613DY Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG613DY VISHAY-DG613DY Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG613DY VISHAY-DG613DY Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG613DY-E3 VISHAY-DG613DY-E3 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG613DY-E3 VISHAY-DG613DY-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
More results

Similar Description - DG613DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com