Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14030SQDDARQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14030SQDDARQ1
Description  LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14030SQDDARQ1 Datasheet(HTML) 3 Page - Texas Instruments

  LMR14030SQDDARQ1 Datasheet HTML 1Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 2Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 3Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 4Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 5Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 6Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR14030SQDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
FB
SS
GND
SW
BOOT
VIN
EN
RT/SYNC
2
3
4
5
1
9
8
7
6
10
VIN
PGOOD
Thermal Pad
(11)
FB
SS
GND
SW
BOOT
VIN
EN
RT/SYNC
Thermal Pad
(9)
1
2
3
4
5
6
7
8
3
LMR14030-Q1
www.ti.com
SNVSAG3A – NOVEMBER 2015 – REVISED JULY 2016
Product Folder Links: LMR14030-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
A = Analog, P = Power, G = Ground
5 Pin Configuration and Functions
DDA Package
8-Pin (HSOIC)
Top View
DPR Package
10-Pin (WSON)
Top View
Pin Functions
NAME
NO.
TYPE (1)
DESCRIPTION
SO-8
WSON-10
BOOT
1
1
P
Bootstrap capacitor connection for high-side MOSFET driver. Connect a high
quality 0.1 μF capacitor from BOOT to SW.
VIN
2
2, 3
P
Connect to power supply and bypass capacitors CIN. Path from VIN pin to high
frequency bypass CIN and GND must be as short as possible.
EN
3
4
A
Enable pin, with internal pull-up current source. Pull below 1.2 V to disable. Float
or connect to VIN to enable. Adjust the input under voltage lockout with two
resistors. See the Enable and Adjusting Under voltage lockout section.
RT/SYNC
4
5
A
Resistor Timing or External Clock input. An internal amplifier holds this pin at a
fixed voltage when using an external resistor to ground to set the switching
frequency. If the pin is pulled above the PLL upper threshold, a mode change
occurs and the pin becomes a synchronization input. The internal amplifier is
disabled and the pin is a high impedance clock input to the internal PLL. If clocking
edges stop, the internal amplifier is re-enabled and the operating mode returns to
frequency programming by resistor.
FB
5
7
A
Feedback input pin, connect to the feedback divider to set VOUT. Do not short this
pin to ground during operation.
SS
6
6
A
Soft-start control pin. Connect to a capacitor to set soft-start time.
PGOOD
N/A
8
A
Open drain output for power-good flag. Use a 10 kΩ to 100 kΩ pull-up resistor to
logic rail or other DC voltage no higher than 7V.
GND
7
9
G
System ground pin.
SW
8
10
P
Switching output of the regulator. Internally connected to high-side power
MOSFET. Connect to power inductor.
Thermal Pad
9
11
G
Major heat dissipation path of the die. Must be connected to ground plane on PCB.


Similar Part No. - LMR14030SQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14030SQDDARQ1 TI1-LMR14030SQDDARQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
More results

Similar Description - LMR14030SQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com