Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14020SDDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020SDDA
Description  LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020SDDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR14020SDDA Datasheet HTML 7Page - Texas Instruments LMR14020SDDA Datasheet HTML 8Page - Texas Instruments LMR14020SDDA Datasheet HTML 9Page - Texas Instruments LMR14020SDDA Datasheet HTML 10Page - Texas Instruments LMR14020SDDA Datasheet HTML 11Page - Texas Instruments LMR14020SDDA Datasheet HTML 12Page - Texas Instruments LMR14020SDDA Datasheet HTML 13Page - Texas Instruments LMR14020SDDA Datasheet HTML 14Page - Texas Instruments LMR14020SDDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
S
T
1.045
W
¦
N+]
R (k )
32537

:
u
SS
REF
SS
SS
C
(nF) V
(V)
t
(ms)
I
( A)
K

2
EN
ENB
START
EN
EN
ENT
V
R
V
V
I
R


START
STOP
ENT
HYS
V
V
R
I

VIN
EN
RENT
RENB
VIN
VEN
IEN
IEN_HYS
LMR14020
www.ti.com
SNVSAA5A – FEBRUARY 2015 – REVISED APRIL 2015
Feature Description (continued)
Figure 15. System UVLO By Enable Dividers
(2)
(3)
where VSTART is the desired voltage threshold to enable LMR14020, VSTOP is the desired voltage threshold to
disable device.
8.3.7 External Soft-start
The LMR14020 has soft-start pin for programmable output ramp up time. The soft-start feature is used to prevent
inrush current impacting the LMR14020 and its load when power is first applied. The soft-start time can be
programed by connecting an external capacitor CSS from SS pin to GND. An internal current source (typically ISS
= 3
μA) charges CSS and generates a ramp from 0 V to VREF. The soft-start time can be calculated by
Equation 4:
(4)
The internal soft-start resets while device is disabled or in thermal shutdown.
8.3.8 Switching Frequency and Synchronization (RT/SYNC)
The switching frequency of the LMR14020 can be programmed by the resistor RT from the RT/SYNC pin and
GND pin. The RT/SYNC pin can’t be left floating or shorted to ground. To determine the timing resistance for a
given switching frequency, use Equation 5 or the curve in Figure 16. Table 1 gives typical RT values for a given
fSW.
(5)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMR14020


Similar Part No. - LMR14020SDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14020SQDDARQ1 TI1-LMR14020SQDDARQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020SQDDARQ1 TI1-LMR14020SQDDARQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14020SQDPRRQ1 TI1-LMR14020SQDPRRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14020SDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com