Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3011PV Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82V3011PV
Description  T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3011PV Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82V3011PV Datasheet HTML 5Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 6Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 7Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 8Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 9Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 10Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 11Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 12Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
IDT82V3011 T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
INDUSTRIAL TEMPERATURE RANGE
2
FUNCTIONAL DESCRIPTION
The IDT82V3011 is a T1/E1/OC3 WAN PLL with single reference
input, providing timing (clock) and synchronization (framing) signals to
interface circuits for multitrunk T1/E1 and STS3/OC3 links. The details
are described in the following sections.
2.1
STATE CONTROL CIRCUIT
The State Control Circuit is an important part in the IDT82V3011. It is
used to control the TIE block and the DPLL block as shown in Figure - 2.
The control is based on the result of Invalid Input Signal Detection and
the logic levels on the MODE_sel0, MODE_sel1 and TIE_en pins.
The IDT82V3011 can be operated in three different modes: Normal,
Holdover and Freerun. The operating mode is selected by the
MODE_sel1 and MODE_sel0 pins, as shown in Table - 1.
Figure - 3 shows the state control diagram. All state changes occur
synchronously on the rising edge of F8o. Three operating modes,
Normal (S1), Holdover (S3) and Freerun (S0) can be switched from one
to another by changing the logic levels on the MODE_sel0 and
MODE_sel1 pins.
Figure - 2 State Control Circuit
Figure - 3 State Control Diagram
Table - 1 Operating Modes Selection
Mode Selection Pins
Operating Mode
MODE_sel1
MODE_sel0
00
Normal
0
1
Holdover
1
0
Freerun
11
Reserved
State Control Circuit
MODE_sel1 MODE_sel0
TIE_en
Output of the
Invalid Input
Signal Detection
F8o
TIE Block
Enable/Disable
DPLL Block
Mode Control
S1
Normal
Mode_sel1=0
Mode_sel0=0
S3
Holdover
Mode_sel1=0
Mode_sel0=1
S0
Freerun
Mode_sel1=1
Mode_sel0=0
(Invalid Input Reference Signal)
(Valid Input Reference Signal)
AutoT
IE Dis
able
Auto
TIE
Disa
ble
Au
to
TIE
Dis
ab
le
Auto
TIE
Disa
ble
Reset *
* Note: After reset, the Mode_sel1 and Mode_sel0 should be initially set to '10' or '00'.
TIE Enable (TIE_en = H)
Auto TIE Disable
S2
Auto - Holdover
Mode_sel1=0
Mode_sel0=0
(Valid Input Reference Signal)
TIE Disable (TIE_en = L)


Similar Part No. - IDT82V3011PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3011PVG RENESAS-IDT82V3011PVG Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
More results

Similar Description - IDT82V3011PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
logo
Integrated Device Techn...
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3001 IDT-82V3001 Datasheet
375Kb / 27P
   WAN PLL WITH SINGLE REFERENCE INPUT
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
logo
Integrated Device Techn...
82V3001APVG8 IDT-82V3001APVG8 Datasheet
1Mb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com