Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3011PV Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT82V3011PV
Description  T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3011PV Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT82V3011PV Datasheet HTML 3Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 4Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 5Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 6Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 7Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 8Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 9Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 10Page - Integrated Device Technology IDT82V3011PV Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
IDT82V3011 T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
INDUSTRIAL TEMPERATURE RANGE
1
PIN DESCRIPTION
Name
Type
Pin Number
Description
VSS
Power
12, 18, 27
38, 47
Ground.
0 V. All VSS pins should be connected to the ground.
VDD
Power
13, 19, 26
37, 48
Positive Supply Voltage.
All VDD pins should be connected to +3.3 V (nominal).
OSCi
(CMOS) I
50
Oscillator Master Clock Input.
This pin is connected to a clock source.
Fref
I5
Reference Input.
This is the input reference source (falling edge of 8 kHz, 1.544 MHz and 2.048 MHz or rising edge of 19.44 MHz)
used for synchronization. The frequency of the input reference can be 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz.
This pin is internally pulled up to VDD.
F_sel0
F_sel1
I
9
10
Frequency Selection Inputs.
These two inputs select one of the four possible frequencies (8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz) for the
Reference Input (Fref). See Table - 2 for details.
MODE_sel0
MODE_sel1
I
1
2
Mode Selection Inputs.
These two inputs determine the operating mode of the IDT82V3011 (Normal, Holdover or Freerun). See Table - 1
for details.
The logic levels on these two pins are gated in by the rising edges of F8o. These two pins are internally pulled down
to VSS.
RST
I4
Reset Input.
Pulling this pin to logic low for at least 300 ns will reset the IDT82V3011. While the RST pin is low, all framing and
clock outputs are at logic high.
To ensure proper operation, the device must be reset after it is powered up.
TCLR
I3
TIE Control Block Reset.
Pulling this pin to logic low for at least 300 ns will reset the TIE (Maximum Time Interval Error) control block and
result in a realignment of the output phase with the input phase. This pin is internally pulled up to VDD.
TIE_en
I56
TIE Control Block Enable.
A logic high at this pin enables the TIE control block while a logic low disables it. The logic level on this pin is gated
in by the rising edges of F8o. This pin is internally pulled down to Vss.
FLOCK
I45
Fast Lock Mode Enable.
If this pin is set to logic high, the DPLL will quickly lock to the input reference within 500 ms.
LOCK
(CMOS) O
44
Lock Indicator.
This output pin will go high when the DPLL is frequency locked to the input reference.
HOLDOVER
(CMOS) O
52
Holdover Indicator.
This output pin will go high whenever the DPLL enters Holdover mode.
NORMAL
(CMOS) O
46
Normal Indicator.
This output pin will go high whenever the DPLL enters Normal mode.
FREERUN
(CMOS) O
51
Freerun Indicator.
This output pin will go high whenever the DPLL enters Freerun mode.
MON_out
O
7
Frequency Out-of-range Indicator.
A logic high at this pin indicates that the reference input (Fref) is off the nominal frequency by more than ±12 ppm.
C19POS
C19NEG
(LVDS) O
21
22
19.44 MHz Clock Output (LVDS Level).
This pair of outputs is used for OC3/STS3 applications.
C19o
(CMOS) O
43
19.44 MHz Clock Output (CMOS Level).
This output is used for OC3/STS3 applications.
C32o
(CMOS) O
25
32.768 MHz Clock Output.
This output is a 32.768 MHz clock used for ST-BUS operation.
C16o
(CMOS) O
24
16.384 MHz Clock Output.
This output is a 16.384 MHz clock used for ST-BUS operation.
C8o
(CMOS) O
23
8.192 MHz Clock Output.
This output is an 8.192 MHz clock used for ST-BUS operation.
C4o
(CMOS) O
20
4.096 MHz Clock Output.
This output is a 4.096 MHz clock used for ST-BUS operation.
C2o
(CMOS) O
17
2.048 MHz Clock Output.
This output is a 2.048 MHz clock used for ST-BUS operation.


Similar Part No. - IDT82V3011PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3011PVG RENESAS-IDT82V3011PVG Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
More results

Similar Description - IDT82V3011PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
logo
Integrated Device Techn...
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3001 IDT-82V3001 Datasheet
375Kb / 27P
   WAN PLL WITH SINGLE REFERENCE INPUT
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
logo
Integrated Device Techn...
82V3001APVG8 IDT-82V3001APVG8 Datasheet
1Mb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com