Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD817C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD817C
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD817C Datasheet HTML 1Page - Fairchild Semiconductor FOD817C Datasheet HTML 2Page - Fairchild Semiconductor FOD817C Datasheet HTML 3Page - Fairchild Semiconductor FOD817C Datasheet HTML 4Page - Fairchild Semiconductor FOD817C Datasheet HTML 5Page - Fairchild Semiconductor FOD817C Datasheet HTML 6Page - Fairchild Semiconductor FOD817C Datasheet HTML 7Page - Fairchild Semiconductor FOD817C Datasheet HTML 8Page - Fairchild Semiconductor FOD817C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8/19/04
Page 2 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
*Typical values at TA = 25°C.
*Typical values at TA = 25°C.
NOTES
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to page 4.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ*
Max
Unit
EMITTER
(IF = 20 mA)
VF
1.2
1.4
V
Input Forward Voltage
Reverse Leakage Current
(VR = 4.0 V)
IR
——
10
µA
Terminal Capacitance
(V = 0, f = 1 kHz)
Ct
–30
250
pF
DETECTOR
Collector-Emitter Breakdown Voltage
(IC = 0.1 mA, IF = 0)
BVCEO
70
V
Emitter-Collector Breakdown Voltage
(IE = 10 µA, IF = 0)
BVECO
6–
V
Collector-Emitter Dark Current
(VCE = 20 V, IF = 0)
ICEO
—–
100
nA
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer Ratio
(IF = 5 mA, VCE = 5 V) (note 1)
CTR
FOD817
50
600
%
FOD817A
80
160
%
FOD817B
130
260
%
FOD817C
200
400
%
FOD817D
300
600
%
Collector-Emitter
Saturation Voltage
(IF = 20 mA, IC = 1 mA)
VCE (SAT)
0.1
0.2
V
AC Characteristic
Rise Time
(IC = 2 mA, VCE = 2 V, RL = 100Ω) (note 2)
tr
—4
18
µs
Fall Time
(IC = 2 mA, VCE = 2 V, RL = 100Ω) (note 2)
tf
—3
18
µs
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage (note 3)
f = 60Hz, t = 1 min
VISO
5000
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
5 x 1010
1011
Isolation Capacitance
(VI-O = 0, f = 1 MHz)
CISO
0.6
1.0
pf


Similar Part No. - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817C FAIRCHILD-FOD817C Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817C ONSEMI-FOD817C Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Similar Description - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com