Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD817C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD817C
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD817C Datasheet HTML 1Page - Fairchild Semiconductor FOD817C Datasheet HTML 2Page - Fairchild Semiconductor FOD817C Datasheet HTML 3Page - Fairchild Semiconductor FOD817C Datasheet HTML 4Page - Fairchild Semiconductor FOD817C Datasheet HTML 5Page - Fairchild Semiconductor FOD817C Datasheet HTML 6Page - Fairchild Semiconductor FOD817C Datasheet HTML 7Page - Fairchild Semiconductor FOD817C Datasheet HTML 8Page - Fairchild Semiconductor FOD817C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
8/19/04
Page 3 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
Typical Electrical/Optical Characteristic Curves (T
A = 25°C Unless otherwise specified.)
Ta =75
°C
50
°C
25
°C
0
°C
-25
°C
VCE = 5V
Ta = 25
°C
Ta = 25
°C
I IF = 30mA
Pc(MAX.)
5m A
10mA
20mA
Ta = 25
°C
60
50
40
30
20
10
0
-30
0
25
50
70
100
125
AMBIENT TEMPERATURE TA (°C)
Fig. 1 Forward Current
vs. Ambient Temperature
200
150
100
50
0
-30
0
25
50
70
100
125
AMBIENT TEMPERATURE TA (°C)
Fig. 2 Collector Power Dissipation
vs. Ambient Temperature
FORWARD CURRENT IF (mA)
6
5
4
3
2
1
0
05
10
15
Fig. 3 Collector-Emitted Saturation Voltage
vs. Forward Current
Fig. 4 Forward Current vs. Forward Voltage
FORWARD VOLTAGE VF (V)
500
200
100
50
20
10
5
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
FORWARD CURRENT IF (mA)
200
180
160
140
120
100
80
60
40
20
0
12
5
10
20
50
Fig. 5 Current Transfer Ratio
vs. Forward Current
COLLECTOR-EMITTER VOLTAGE VCE (V)
30
25
20
15
10
5
0
0123456789
Fig. 6 Collector Current
vs. Collector-Emitter Voltage


Similar Part No. - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817C FAIRCHILD-FOD817C Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817C ONSEMI-FOD817C Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Similar Description - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com