Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM95-SERIES Datasheet(PDF) 14 Page - ELM Technology Corporation

Part No. ELM95-SERIES
Description  CMOS PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM95-SERIES Datasheet(HTML) 14 Page - ELM Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
15 -
http://www.elm-tech.com
Rev.1.2
ELM95xxxxE CMOS PWM step-up DC/DC converter
• ELM9533BxE(Vout=3.3V, Fosc=100kHz, Duty=77%) L=100µH, Cin=Cout=47µF, D=DB2J208, Top=25°C
ELM9533BxE (VOUT=3.3V, Fosc=100kHz, Duty=77%) L=100�H, CIN=Cout=47�F, D=DB2J208, Top=25�
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Iout=60mA
Iout=10mA
Iout=1mA
Vout-Vin
Vin (V)
0.1
1
10
100
1000
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Vin=2.4V
Vin=0.9V
Vout-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
Vin=1.8V
0.1
1
10
100
1000
50
60
70
80
90
100
Vin=1.8V
Vin=0.9V
Efficiency-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
Vin=2.4V
-40 -20
0
20
40
60
80
3.22
3.24
3.26
3.28
3.30
3.32
3.34
90
95
100
105
110
115
120
Vout
Vout, Frequency-Top
Iout (mA)
Frequency
Vin=1.5V, Iout=10mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Vst
Vst, Vhold-Iout
Iout (mA)
Vhold
0 2 4 6 8 10 12 14 16 18 20
3.0
3.1
3.2
3.3
3.4
3.5
3.6
0
50
100
Vout
Vin=1.8V
Load transient response
Time (ms)
Iout
1mA
1mA
50mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn