Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM95-SERIES Datasheet(PDF) 1 Page - ELM Technology Corporation

Part No. ELM95-SERIES
Description  CMOS PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM95-SERIES Datasheet(HTML) 1 Page - ELM Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
15 -
http://www.elm-tech.com
Rev.1.2
Parameter
Symbol
Limit
Unit
Apply voltage to LX pin
Vlx
Vss-0.3 to 8.0
V
Apply voltage to VOUT pin
Vout
Vss-0.3 to 8.0
V
Output current of LX pin
Ilx
500
mA
Power dissipation
Pd
500 (SOT-89)
mW
250 (SOT-23)
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM95xxxxE CMOS PWM step-up DC/DC converter
ELM95xxxxE is CMOS PWM step-up DC/DC converter which consists of reference voltage source, error
amplifier, oscillation circuit, start-up circuit, PWM control circuit, switching current limit circuit, switch
transistor and output voltage setting resistor. For external parts, coil, diode and capacitor are possible choices;
with external parts, are 2.7V, 3.0V, 3.3V and 5.0V; ELM95 series can also be designed as semi-custom IC within
the range of 2.5V to 5.5V by 0.1V step. With newly-developed PWM control circuit, ELM95 series is able to
modulate switching time smoothly with constant frequency and consequently generates stable output with small
ripples.There are two switching frequency and maximum duty ratio available:(Switching frequency, Maximum
duty ratio)=(55kHz, 60%) and (100kHz, 77%).
• Constant voltage source for battery-operated devices
• Constant voltage source for cameras
• Portable communication equipments
• Local regulator
■General description
■Features
■Application
■Maximum absolute ratings
• Output voltage range
: 2.5V to 5.5V(by 0.1V step)
• Low voltage operation
: Vin≥0.9V(No load)
• Low power operation
: 35µW(ELM9530AxE)
• High efficiency
: Typ.85%
• High output voltage accuracy
: ±2.5%
• Constant switching frequency : Typ.55kHz(Type A), Typ.100kHz(Type B)
• Output current (e.g.)
: 100mA(Type B, Vin=1.5V, Vout=3.3V)
• Small ripples
: Ceramic capacitor can be used for output capacitor.
• Package
: SOT-89, SOT-23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn