Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM95-SERIES Datasheet(PDF) 6 Page - ELM Technology Corporation

Part No. ELM95-SERIES
Description  CMOS PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM95-SERIES Datasheet(HTML) 6 Page - ELM Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
15 -
http://www.elm-tech.com
Rev.1.2
■Marking
ELM95xxxxE CMOS PWM step-up DC/DC converter
SOT-89
Symbol
Output voltage range
(V)
Package
Switching frequency
5P
2.5~3.0
SOT-89
55kHz
5Q
2.5~3.0
SOT-89
100kHz
5R
3.1~5.5
SOT-89
55kHz
5S
3.1~5.5
SOT-89
100kHz
5T
2.5~3.0
SOT-23
55kHz
5U
2.5~3.0
SOT-23
100kHz
5V
3.1~5.5
SOT-23
55kHz
5W
3.1~5.5
SOT-23
100kHz
a, b : Represents Output voltage range and Package type
and Switching frequency type
SOT-23
Symbol
Output voltage(V)
1
3.1
2
3.2
3
3.3
4
3.4
5
3.5
6
3.6
7
3.7
8
3.8
9
3.9
0
4.0
A
4.1
B
4.2
C
4.3
D
4.4
E
4.5
c : Represents Output voltage.
Symbol
Output voltage(V)
F
4.6
G
4.7
H
4.8
J
4.9
K
5.0
L
5.1
M
5.2
N
5.3
P
5.4
Q
2.5
5.5
R
2.6
S
2.7
T
2.8
U
2.9
V
3.0
d : Represents the assembly lot number
1~0, A~Z repeated (I,O,X excepted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn