Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELM95-SERIES Datasheet(PDF) 4 Page - ELM Technology Corporation

Part No. ELM95-SERIES
Description  CMOS PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM-TECH [ELM Technology Corporation]
Homepage  http://www.elm-tech.com
Logo 

ELM95-SERIES Datasheet(HTML) 4 Page - ELM Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
15 -
http://www.elm-tech.com
Rev.1.2
L=220μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=1.5V, Iout=1mA
14
23
µA
Output voltage
Vout
Vin=1.5V, Iout=1mA
3.218 3.300 3.382
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.55
1.00
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
35
55
75
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
45
60
75
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
Vout=3.3V(ELM9533AxE)
* Vout(T) : Typ. value of Vout
L=220μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=3.0V, Iout=1mA
30
45
µA
Output voltage
Vout
Vin=3.0V, Iout=1mA
4.875 5.000 5.125
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.45
0.80
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
35
55
75
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
45
60
75
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
Vout=5.0V(ELM9550AxE)
* Vout(T) : Typ. value of Vout
L=100μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=1.5V, Iout=1mA
15
30
µA
Output voltage
Vout
Vin=1.5V, Iout=1mA
2.633 2.700 2.767
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.6
1.1
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
70
77
85
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
■Electrical characteristics (ELM95xxBxE)
Vout=2.7V(ELM9527BxE)
* Vout(T) : Typ. value of Vout
ELM95xxxxE CMOS PWM step-up DC/DC converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn