Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD817 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FOD817
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD817 Datasheet HTML 1Page - Fairchild Semiconductor FOD817 Datasheet HTML 2Page - Fairchild Semiconductor FOD817 Datasheet HTML 3Page - Fairchild Semiconductor FOD817 Datasheet HTML 4Page - Fairchild Semiconductor FOD817 Datasheet HTML 5Page - Fairchild Semiconductor FOD817 Datasheet HTML 6Page - Fairchild Semiconductor FOD817 Datasheet HTML 7Page - Fairchild Semiconductor FOD817 Datasheet HTML 8Page - Fairchild Semiconductor FOD817 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
8/19/04
Page 3 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
Typical Electrical/Optical Characteristic Curves (T
A = 25°C Unless otherwise specified.)
Ta =75
°C
50
°C
25
°C
0
°C
-25
°C
VCE = 5V
Ta = 25
°C
Ta = 25
°C
I IF = 30mA
Pc(MAX.)
5m A
10mA
20mA
Ta = 25
°C
60
50
40
30
20
10
0
-30
0
25
50
70
100
125
AMBIENT TEMPERATURE TA (°C)
Fig. 1 Forward Current
vs. Ambient Temperature
200
150
100
50
0
-30
0
25
50
70
100
125
AMBIENT TEMPERATURE TA (°C)
Fig. 2 Collector Power Dissipation
vs. Ambient Temperature
FORWARD CURRENT IF (mA)
6
5
4
3
2
1
0
05
10
15
Fig. 3 Collector-Emitted Saturation Voltage
vs. Forward Current
Fig. 4 Forward Current vs. Forward Voltage
FORWARD VOLTAGE VF (V)
500
200
100
50
20
10
5
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
FORWARD CURRENT IF (mA)
200
180
160
140
120
100
80
60
40
20
0
12
5
10
20
50
Fig. 5 Current Transfer Ratio
vs. Forward Current
COLLECTOR-EMITTER VOLTAGE VCE (V)
30
25
20
15
10
5
0
0123456789
Fig. 6 Collector Current
vs. Collector-Emitter Voltage


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FOD617 4-Pin Phototransistor Optocouplers 1  2  3  4  5  More Fairchild Semiconductor
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  QT Optoelectronics
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FOD816 4-Pin Phototransistor Optocouplers 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
H11D1 HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC256 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL193 Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel 1  2  3  4  5  More Texas Instruments
CNY17-1 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn