Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCD4B14CCB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # FCD4B14CCB
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14CCB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button FCD4B14CCB Datasheet HTML 3Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 4Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 5Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 6Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 7Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 8Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 9Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 10Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FCD4B14
1962C–01/02
.
Note:
1. With I
OL =1 mA and IOH =-1 mA
Table 8. 3.3V. Power supply = +3.3V; T
amb =25°C; FPCLK = 1 MHz; Duty cycle = 50%;
C
load 120 pF on digital outputs, analog outputs disconnected otherwise specified
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Power Requirements
Positive supply voltage
VCC
3.0
3.3
3.6
V
Digital positive supply current on VCC pin
C
load=0
ICC
I
IV
6
5
10
6
mA
mA
Power dissipation on VCC
Cload =0
PCC
I
IV
20
17
33
20
mW
mW
Current on VCC in NAP mode
ICCNAP
I10
µA
Analog Output
Voltage range
VAVx
I0
2.9
V
Digital Inputs
Logic compatibility
CMOS
Logic “0” voltage
V
IL
I0
0.8
V
Logic “1” voltage
V
IH
I2.3
VCC
V
Logic “0” current
IIL
I-10
0
µA
Logic “1”current
IIH
I0
10
µA
Digital Outputs
Logic compatibility
CMOS
Logic “0” voltage
(1)
V
OL
I0.6
V
Logic “1” voltage
(1)
V
OH
I2.4
V


Similar Part No. - FCD4B14CCB

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-020 JDSU-FCD488-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-025 JDSU-FCD488-025 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-010 JDSU-FCD488FC-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-020 JDSU-FCD488FC-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
More results

Similar Description - FCD4B14CCB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
Omron Electronics LLC
M7E OMRON-M7E Datasheet
1Mb / 14P
   Digital Display (14 mm)
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com