Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG611DY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG611DY
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG611DY Datasheet(HTML) 8 Page - Vishay Siliconix

  DG611DY Datasheet HTML 1Page - Vishay Siliconix DG611DY Datasheet HTML 2Page - Vishay Siliconix DG611DY Datasheet HTML 3Page - Vishay Siliconix DG611DY Datasheet HTML 4Page - Vishay Siliconix DG611DY Datasheet HTML 5Page - Vishay Siliconix DG611DY Datasheet HTML 6Page - Vishay Siliconix DG611DY Datasheet HTML 7Page - Vishay Siliconix DG611DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DG611/612/613
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-8
Document Number: 70057
S-00399—Rev. G, 13-Sep-99
APPLICATIONS
CLC111
75
W
+
LF356
1/4 DG611
5 V Control
Analog
Input
Input Buffer
S
IN
D
Output Buffer
"5 V Output
to A/D
+5 V
+12 V
–5 V
CHOLD
650 pF Polystyrene
FIGURE 5. High-Speed Sample-and-Hold
+
CLC410
75
W
1/2 DG613
Background
D
Output Buffer
Composite
Output
+5 V
+12 V
–5 V
75
W
Titles
5 V Control
75
W
250
W
1/2 CLC114
250
W
FIGURE 6. A Pixel-Rate Switch Creates Title Overlays
1/2 DG613
D1
+5 V
–8 V
D2
S1
S2
IN1
IN2
GND
V–
GaAs
RF
IN
RF
OUT
VL
V+
FIGURE 7. A High-Speed GaAs FET Driver that Saves Power
5 V


Similar Part No. - DG611DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611DY VISHAY-DG611DY Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611DY VISHAY-DG611DY Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611DY VISHAY-DG611DY Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG611DY-E3 VISHAY-DG611DY-E3 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611DY-E3 VISHAY-DG611DY-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
More results

Similar Description - DG611DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com