Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FCD4B14 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. FCD4B14
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

FCD4B14 Datasheet(HTML) 6 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FCD4B14
1962C–01/02
Note:
1. With I
OL =1 mA and IOH =-1 mA
Table 7. 5V. Power supply = +5V; T
amb =25°C; FPCLK = 1 MHz; Duty cycle = 50%;
C
load 120 pF on digital outputs, analog outputs disconnected otherwise specified.
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Power Requirements
Positive supply voltage
V
CC
4.5
5
5.5
V
Digital positive supply current on V
CC pin
C
load =0
I
CC
I
IV
7
5
10
6
mA
mA
Power dissipation on V
CC
C
load =0
P
CC
I
IV
35
25
50
30
mW
mW
Current on V
CC in NAP mode
I
CCNAP
I10
µA
Analog Output
Voltage range
VAVx
I0
2.9
V
Digital Inputs
Logic compatibility
CMOS
Logic “0” voltage
V
IL
I0
1.2
V
Logic “1” voltage
V
IH
I3.6
VCC
V
Logic “0” current
IIL
I-10
0
µA
Logic “1”current
IIH
I
0
10
µA
Digital Outputs
Logic compatibility
CMOS
Logic “0” voltage
(1)
V
OL
I1.5
V
Logic “1” voltage
(1)
V
OH
I3.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn