Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FCD4B14 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. FCD4B14
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14 Datasheet(HTML) 5 Page - ATMEL Corporation

  FCD4B14 Datasheet HTML 1Page - ATMEL Corporation FCD4B14 Datasheet HTML 2Page - ATMEL Corporation FCD4B14 Datasheet HTML 3Page - ATMEL Corporation FCD4B14 Datasheet HTML 4Page - ATMEL Corporation FCD4B14 Datasheet HTML 5Page - ATMEL Corporation FCD4B14 Datasheet HTML 6Page - ATMEL Corporation FCD4B14 Datasheet HTML 7Page - ATMEL Corporation FCD4B14 Datasheet HTML 8Page - ATMEL Corporation FCD4B14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FCD4B14
1962C–01/02
Table 5. Resistance
Parameter
Min Value
Standard Method
ESD
On pins. HBM (Human Body Model) CMOS I/O
2 kV
MIL-STD-883- method 3015.7
On die surface (Zapgun)
Air discharge
±16 kV
NF EN 6100-4-2
MECHANICAL ABRASION
Number of cycles without lubricant multiply by a
factor of 20 for correlation with a real finger
200 000
MIL E 12397B
CHEMICAL RESISTANCE
Cleaning agent, acid, grease, alcohol, diluted
acetone
4 hours
Internal method
Table 6. Specifications
Explanation Of Test Levels
I
100% production tested at +25°C
II
100% production tested at +25°C, and sample tested at specified temperatures (AC testing done on sample)
III
Sample tested only
IV
Parameter is guaranteed by design and/or characterization testing
V
Parameter is a typical value only
VI
100% production tested at temperature extremes
D
100% probe tested on wafer at T
amb =+25°C
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Resolution
IV
50
micron
Size
IV
8x280
pixel
Yield: number of bad pixels
I
15
bad pixels
Equivalent resistance on TPP pin
I
23
30
47


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AT77C102B Thermal Fingerprint Sensor with 0.4 mm x 14 mm 0.02 x 0.55 Sensing Area and Digital Output On-chip ADC 1  2  3  4  5  More ATMEL Corporation
AT77C101B Thermal Fingerprint Sensor with Sensing Area and Digital Output 1  2  3  4  5  More ATMEL Corporation
LM98714 Three Channel 16-Bit 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output 1  2  3  4  5  More National Semiconductor (TI)
LM75 Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface 1  2  3  4  5  More National Semiconductor (TI)
LM76 ±0.5°C ±1°C 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface 1  2  3  4  5  More National Semiconductor (TI)
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface 1  2  3  4  5  More National Semiconductor (TI)
HDCS1000 Integrated CMOS Image Sensor with Digital Output and Timing Controller 1  2  Agilent(Hewlett-Packard)
G751-1P1 Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface 1  2  3  4  5  More Global Mixed-mode Technology Inc
G751 Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface 1  2  3  4  5  More List of Unclassifed Manufacturers
ADT7316 SPI/I2C Compatible 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn