Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FCD4B14 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. FCD4B14
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

FCD4B14 Datasheet(HTML) 3 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FCD4B14
1962C–01/02
Die Attach is connected to pin 1, 7 and 21, and must be grounded. FPL pin must be
grounded.
Table 2. Pin Description For Chip-On-Board Package
Pin Number
Name
Type
1GND
GND
2
AVE
Analog output
3
AVO
Analog output
4TPP
Power
5
TPE
Digital input
6
VCC
Power
7GND
GND
8
RST
Digital input
9
PCLK
Digital input
10
OE
Digital input
11
ACKN
Digital output
12
De0
Digital output
13
Do0
Digital output
14
De1
Digital output
15
Do1
Digital output
16
De2
Digital output
17
Do2
Digital output
18
De3
Digital output
19
Do3
Digital output
20
FPL
GND
21
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
GND
AVE
AVO
TPP
TPE
VCC
GND
RST
PCLK
OE
ACKN
De0
Do0
De1
Do1
De2
Do2
De3
Do3
FPL
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn