Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63722-XC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C63722-XC
Description  enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63722-XC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C63722-XC Datasheet HTML 4Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 5Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 6Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 7Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 8Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 9Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 10Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 11Page - Cypress Semiconductor CY7C63722-XC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
FOR
FOR
enCoRe™ USB CY7C63722/23
CY7C63743
Document #: 38-08022 Rev. **
Page 8 of 58
6.0
Programming Model
Refer to the CYASM Assembler User’s Guide for more details on firmware operation with the CY7C637xx microcontrollers.
6.1
Program Counter (PC)
The 14-bit program counter (PC) allows access for up to 8 Kbytes of EPROM using the CY7C637xx architecture. The program
counter is cleared during reset, such that the first instruction executed after a reset is at address 0x0000. This instruction is
typically a jump instruction to a reset handler that initializes the application.
The lower 8 bits of the program counter are incremented as instructions are loaded and executed. The upper 6 bits of the program
counter are incremented by executing an XPAGE instruction. As a result, the last instruction executed within a 256-byte “page”
of sequential code should be an XPAGE instruction. The assembler directive “XPAGEON” will cause the assembler to insert
XPAGE instructions automatically. As instructions can be either one or two bytes long, the assembler may occasionally need to
insert a NOP followed by an XPAGE for correct execution.
The program counter of the next instruction to be executed, carry flag, and zero flag are saved as two bytes on the program stack
during an interrupt acknowledge or a CALL instruction. The program counter, carry flag, and zero flag are restored from the
program stack only during a RETI instruction.
Please note the program counter cannot be accessed directly by the firmware. The program stack can be examined by reading
SRAM from location 0x00 and up.
6.2
8-bit Accumulator (A)
The accumulator is the general-purpose, do everything register in the architecture where results are usually calculated.
6.3
8-bit Index Register (X)
The index register “X” is available to the firmware as an auxiliary accumulator. The X register also allows the processor to perform
indexed operations by loading an index value into X.
6.4
8-bit Program Stack Pointer (PSP)
During a reset, the program stack pointer (PSP) is set to zero. This means the program “stack” starts at RAM address 0x00 and
“grows” upward from there. Note that the program stack pointer is directly addressable under firmware control, using the MOV
PSP,A instruction. The PSP supports interrupt service under hardware control and CALL, RET, and RETI instructions under
firmware control.
During an interrupt acknowledge, interrupts are disabled and the program counter, carry flag, and zero flag are written as two
bytes of data memory. The first byte is stored in the memory addressed by the program stack pointer, then the PSP is incremented.
The second byte is stored in memory addressed by the program stack pointer and the PSP is incremented again. The net effect
is to store the program counter and flags on the program “stack” and increment the program stack pointer by two.
The return from interrupt (RETI) instruction decrements the program stack pointer, then restores the second byte from memory
addressed by the PSP. The program stack pointer is decremented again and the first byte is restored from memory addressed
by the PSP. After the program counter and flags have been restored from stack, the interrupts are enabled. The effect is to restore
the program counter and flags from the program stack, decrement the program stack pointer by two, and re-enable interrupts.
The call subroutine (CALL) instruction stores the program counter and flags on the program stack and increments the PSP by two.
XTALIN/P2.1
IN
9
12
13
6-MHz ceramic resonator or external clock input, or
P2.1 input
XTALOUT
OUT
10
13
14
6-MHz ceramic resonator return pin or internal oscillator
output
VPP
7
10
11
Programming voltage supply, ground for normal
operation
VCC
11
14
15
Voltage supply
VREG/P2.0
8
11
12
Voltage supply for 1.3-k
Ω USB pull-up resistor (3.3V
nominal). Also serves as P2.0 input.
VSS
6
9
9, 10
Ground
5.0
Pin Assignments (continued)
Name
I/O
CY7C63723
CY7C63743
CY7C63722
Description
18-Pin
24-Pin
25-Pad


Similar Part No. - CY7C63722-XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722-XC CYPRESS-CY7C63722-XC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63722-XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com