Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83865DVH Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865DVH
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865DVH Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83865DVH Datasheet HTML 7Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 8Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 9Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 10Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 11Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 12Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 13Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 14Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
11
www.national.com
1.0 Pin Description (Continued)
1.8 Power and Ground Pins
(See section “5.3 Power Supply Decoupling” on page 64.)
1.9 Special Connect Pins
Signal Name
PQFP Pin #
Description
IO_VDD
4, 15, 21, 29, 37, 42, 53, 58, 69,
77, 83, 90
2.5V or 3.3V I/O Supply for “MAC Interfaces”, “Management
Interface”, “JTAG Interface”, “Clock Interface”, “Device Con-
figuration and LED Interface” and “Reset”.
CORE_VDD
11, 19, 25, 35, 48, 63, 73, 92
1.8V Digital Core Supply
2V5_AVDD1
101
2.5V Analog Supply
2V5_AVDD2
96
2.5V Analog Supply
1V8_AVDD1
103, 105, 111, 117, 123
1.8V Analog Supply
1V8_AVDD2
98
1.8V Analog Supply - See section “5.4 Sensitive Supply
Pins” on page 64 for low pass filter recommendation.
1V8_AVDD3
100
1.8V Analog Supply - See section “5.4 Sensitive Supply
Pins” on page 64 for low pass filter recommendation.
VSS
5, 12, 16, 20, 22, 26, 30, 36, 38,
43, 49, 54, 59, 64, 70, 74, 78, 82,
91, 93, 97, 99, 104, 106, 107,
110, 112, 113, 116, 118, 119,
122, 124, 125, 128
Ground
Signal Name
TYPE
PQFP
Pin #
Description
BG_REF
I
102
Internal Reference Bias: See section “5.4 Sensitive Supply Pins” on page 64
for information on how to terminate this pin.
RESERVED
2, 23,
84
These pins are reserved and must be left floating.


Similar Part No. - DP83865DVH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83865DVH-NOPB TI1-DP83865DVH-NOPB Datasheet
628Kb / 88P
[Old version datasheet]   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83865DVH/NOPB TI1-DP83865DVH/NOPB Datasheet
628Kb / 88P
[Old version datasheet]   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
More results

Similar Description - DP83865DVH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83865DVH-NOPB TI1-DP83865DVH-NOPB Datasheet
628Kb / 88P
[Old version datasheet]   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
logo
National Semiconductor ...
DP83865BVH NSC-DP83865BVH Datasheet
31Kb / 2P
   Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83861VQM NSC-DP83861VQM Datasheet
741Kb / 88P
   Gig PHYTER 10/100/1000 Ethernet Physical Layer
DP83865 NSC-DP83865_04 Datasheet
589Kb / 86P
   10/100/1000 Ethernet Physical Layer
DP83891 NSC-DP83891 Datasheet
19Kb / 2P
   Gig PHYTER??10/100/1000M
logo
Texas Instruments
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
[Old version datasheet]   High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83864 NSC-DP83864 Datasheet
48Kb / 4P
   DP83864 Quad GigPHYTER 10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com