Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBA6C12H8-0-T6-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTBA6C12H8-0-T6-G
Description  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12H8-0-T6-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTBA6C12H8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C973H8
Issued Date : 2016.07.06
Revised Date :
Page No. : 2/13
MTBA6C12H8
CYStek Product Specification
Absolute Maximum Ratings (TC=25C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
N-channel
P-channel
Drain-Source Breakdown Voltage
BVDSS
120
-120
V
Gate-Source Voltage
VGS
±20
±20
Continuous Drain Current
TA=25 C, VGS=10V (-10V)
IDSM
2.2
-1.9
A
TA=70 C, VGS=10V (-10V)
1.8
-1.5
TC=25 C, VGS=10V (-10V)
ID
6.3
-5.4
TC=100 C, VGS=10V (-10V)
4.0
-3.4
Pulsed Drain Current (Note 1 & 2)
IDM
10
-8
Power Dissipation
TA=25 C
PDSM
2.5 (Note 3)
W
TA=70 C
1.6 (Note 3)
TC=25 C
PD
21
TC=100 C
8.4
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+150
C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
6
C/W
Thermal Resistance, Junction-to-ambient, max
RθJA
50 (Note 3)
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in²copper pad of FR-4 board; 125C/W when mounted on minimum copper pad.
N-Channel Electrical Characteristics (Tc=25C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
120
-
-
V
VGS=0V, ID=250μA
VGS(th)
1.0
-
2.5
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
IDSS
-
-
1
μA
VDS=96V, VGS=0V
-
-
25
VDS=96V, VGS=0V, Tj=125C
*RDS(ON)
-
186
235
m
ID=2A, VGS=10V
-
196
255
ID=1.5A, VGS=4.5V
*GFS
-
6.3
-
S
VDS=10V, ID=2A
Dynamic
Ciss
-
263
-
pF
VDS=25V, VGS=0V, f=1MHz
Coss
-
39
-
Crss
-
21
-
*td(ON)
-
4.8
-
ns
VDS=75V, ID=1A, VGS=10V, RG=6Ω
*tr
-
16
-
*td(OFF)
-
20.6
-
*tf
-
17.6
-


Similar Part No. - MTBA6C12H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTBA6C12H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com