Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB050P10H8-0-T6-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB050P10H8-0-T6-G
Description  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10H8-0-T6-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB050P10H8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C975H8
Issued Date : 2016.08.01
Revised Date :
Page No. : 3/11
MTB050P10H8
CYStek Product Specification
Dynamic *4
Ciss
-
2191
-
Coss
-
159
-
Crss
-
65
-
pF
VDS=-50V, VGS=0V, f=1MHz
Qg *1, 2
-
40.7
-
Qgs *1, 2
-
7.2
-
Qgd *1, 2
-
4.0
-
nC
VDS=-80V, VGS=-10V, ID=-15A
td(ON) *1, 2
-
13.4
-
tr
*1, 2
-
23.6
-
td(OFF) *1, 2
-
68.6
-
tf *1, 2
-
21.2
-
ns
VDS=-50V, ID=-15A, VGS=-10V
RG=2.7Ω
Rg
-
4
-
Ω
f=1MHz
Source-Drain Diode
IS *1
-
-
-20
ISM *3
-
-
-80
A
VSD *1
-
-0.71
-1
V
IS=-2A, VGS=0V
trr
-
28.4
-
ns
Qrr
-
40.9
-
nC
IF=-15A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
*4.Guaranteed by design, not subject to production testing.


Similar Part No. - MTB050P10H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB050P10H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com