Electronic Components Datasheet Search |
|
PV6H24XNSG23 Datasheet(PDF) 1 Page - E-SWITCH |
|
PV6H24XNSG23 Datasheet(HTML) 1 Page - E-SWITCH |
1 / 2 page www.e-switch.com 800.867.2717 2 RoHS Audio / Visual Security Devices Industrial Controls Electrical Housewares Kiosks SpecificationS part number configurator featureS & benefitS applicationS / marketS pV6 SerieS anti-Vandal Switch Specifications subject to change without notice • 16mm diameter panel cutout • RGB LED option • Dot or ring illumination options available • Multiple actuator options • Pilot indicator option • IP65 rated, Off-(On), SPST Electrical Rating: 2A, 48VDC Mechanical Life: 1,000,000 Cycles Electrical Life: 50,000 Cycles Contact Resistance: 50mΩ Max. Insulation Resistance: 1000 MΩ Min. Dielectric Strength: 2,000VAC Operating/Storage Temperature: -20°C to 55°C Travel: 1.50mm Moisture Protection: IP65 Contact Arrangement: SPST Off-(On) Actuation Force: 400 gf Panel Thickness: 1-10mm Mounting Nut Torque: 5-14Nm PV6 F - Flat H - High 0 - 2A, 48VDC X - Pilot Indicator N - Nickel Plated S - Stainless Steel 1 - Black Anodized NONE - Silver G - Gold Series Actuator Options Rating Options Body Finish Options Contact Material Options Medical Equipment 2 - Solder Terminal Options 4 - Off - (On)* P - Pilot Indicator** Function Options N - Nickel Plated S - Stainless Steel 1 - Black Anodized Actuator Finish Options NONE - Non- Illuminated 2 - Dot Illumination 3 - Ring Illumination Lens Style Options NONE- Non- Illuminated 0 - White 1 - Red 2 - Orange 3 - Green 4 - Blue 5 - Yellow F - Red/Orange G - Red/Green H - Red/Blue J - Red/Yellow K - Orange/Green L - Orange/Blue M - Orange/Yellow R - RGB LED- Color Options NONE - Non- Illuminated 1 - Base Voltage/ Illumination Voltage Options NOTES: *(On) denotes function is momentary **Pilot indicator does not have internal switch contacts, only illumination /Base voltage for LED colors red, yellow, and orange is 1.8V @ 20mA /Base voltage for LED colors blue, green and white is 2.8V @ 20mA |
Similar Part No. - PV6H24XNSG23 |
|
Similar Description - PV6H24XNSG23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |