Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV922T0NN2F Datasheet(PDF) 3 Page - E-SWITCH

Part # PV922T0NN2F
Description  pV9 SerieS anti-Vandal Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV922T0NN2F Datasheet(HTML) 3 Page - E-SWITCH

  PV922T0NN2F Datasheet HTML 1Page - E-SWITCH PV922T0NN2F Datasheet HTML 2Page - E-SWITCH PV922T0NN2F Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
800.867.2717
4
XXX SerieS
pV9 SerieS anti-Vandal Switch
ActuAtor options
non-iLLuminateD
spdt schemAtic
schemAtics
dpdt schemAtic
pAnel cutout
ring iLLuminateD
Dot iLLuminateD


Similar Part No. - PV922T0NN2F

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
PV910-CFX APACER-PV910-CFX Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
PV910-M230 APACER-PV910-M230 Datasheet
1Mb / 4P
   Solid State Drive (SSD) with the shape of all new M.2 form factor
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
PV9122 ROHM-PV9122 Datasheet
624Kb / 3P
   60 A, Integrated VR13 Digital Synchronous Buck Regulator with Auto-Control
logo
List of Unclassifed Man...
PV95K3225 ETC2-PV95K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
More results

Similar Description - PV922T0NN2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
   pV6 SerieS anti-Vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
   ulV7 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
   ULV4 Series Anti-vandal Switch
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
   pV0 SerieS anti-Vandal Switch
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
   PVK4 Series Anti-vandal Switch
11.29.2022
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com