Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV922Y0NN2F Datasheet(PDF) 1 Page - E-SWITCH

Part # PV922Y0NN2F
Description  pV9 SerieS anti-Vandal Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV922Y0NN2F Datasheet(HTML) 1 Page - E-SWITCH

  PV922Y0NN2F Datasheet HTML 1Page - E-SWITCH PV922Y0NN2F Datasheet HTML 2Page - E-SWITCH PV922Y0NN2F Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
pV9 SerieS anti-Vandal Switch
Specifications subject to change without notice
• 28mm diameter panel cutout
• Dot or ring illumination options available
• Multiple switch functions available
• Multiple illumination voltage options
• IP65 rated
• SPDT or DPDT
Electrical Rating: 2A, 48VDC
Mechanical Life: 1,000,000 Cycles
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min. @ 500VDC
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 2.8mm
Moisture Protection: IP65
Contact Arrangement: SPDT or DPDT
Actuation Force: 660 gf
Panel Thickness: 1-10mm
Hex Nut Torque: 5-14Nm
PV9
F - Flat
0 - 2A,
48VDC
N - Nickel
Plated
S - Stainless
Steel
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Medical Equipment
2 - Solder
Terminal
Options
Y -
1P OFF-(ON),
1P ON-(OFF)*
T -
1P OFF-ON,
1P ON-OFF
V -
2P OFF-(ON),
2P ON-(OFF)*
U -
2P OFF-ON,
2P ON-OFF
Function
Options
N - Nickel
Plated
S - Stainless
Steel
Actuator
Finish
Options
NONE - Non-
Illuminated
2 - Dot
Illumination
3 - Ring
Illumination
Lens
Style
Options
NONE - Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
F - Red/Orange
G - Red/Green
H - Red/Blue
J - Red/Yellow
K - Orange/Green
L - Orange/Blue
M - Orange/Yellow
LED
Color
Options
NONE - Non-
Illuminated
1 - Base Voltage/
3 - 6V
4 - 12V
5 - 24V
6 - 125V
7 - 250V
Illumination
Voltage
Options
NOTES:
*( ) denotes function is momentary
/Base voltage for LED colors red, yellow, and orange is 1.8V @ 20mA
/Base voltage for LED colors blue, green and white is 2.8V @ 20mA


Similar Part No. - PV922Y0NN2F

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
PV910-CFX APACER-PV910-CFX Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
PV910-M230 APACER-PV910-M230 Datasheet
1Mb / 4P
   Solid State Drive (SSD) with the shape of all new M.2 form factor
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
PV9122 ROHM-PV9122 Datasheet
624Kb / 3P
   60 A, Integrated VR13 Digital Synchronous Buck Regulator with Auto-Control
logo
List of Unclassifed Man...
PV95K3225 ETC2-PV95K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
More results

Similar Description - PV922Y0NN2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
   pV6 SerieS anti-Vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
   ulV7 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
   ULV4 Series Anti-vandal Switch
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
   pV0 SerieS anti-Vandal Switch
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
   PVK4 Series Anti-vandal Switch
11.29.2022
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com