Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM8002 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM8002 Datasheet(HTML) 4 Page - Texas Instruments

  TCM8002 Datasheet HTML 1Page - Texas Instruments TCM8002 Datasheet HTML 2Page - Texas Instruments TCM8002 Datasheet HTML 3Page - Texas Instruments TCM8002 Datasheet HTML 4Page - Texas Instruments TCM8002 Datasheet HTML 5Page - Texas Instruments TCM8002 Datasheet HTML 6Page - Texas Instruments TCM8002 Datasheet HTML 7Page - Texas Instruments TCM8002 Datasheet HTML 8Page - Texas Instruments TCM8002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C − SEPTEMBER 1994 − REVISED JUNE 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL‡
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKOUT/PO4(1)
2
O
Clock output / programmable output #4, bit 1. A 2.56-MHz clock signal is output on this terminal or the
device can be set so that it is bit 1 of PO4.
CS
33
I
Chip select (active low). This is the chip select input from the microcontroller.
DATAIN
35
I
Data input. Serial data from the microcontroller is input on this terminal.
DATAOUT
34
O
Data output. This is the serial data output to the microcontroller (3-state).
DCLK
36
I
Data clock. This is the serial microcontroller interface clock input.
HCLK/PO4(3)
4
O
TCM8010 interface clock / programmable output #4, bit 3. A clock signal to the TCM8010 or bit 3 of
programmable output 4 is output on this terminal.
HDATA/PO4(0)
1
I/O
TCM8010 interface data line/programmable output #4, bit 0. This terminal is used for data to and from
the TCM8010, or is bit 3 of programmable output 4.
HCS/PO4(2)
3
O
TCM8010 interface chip select output (active-low) / programmable output #4, bit 2. This terminal
selects the TCM8010, or is bit 2 of programmable output 4.
INTRPT
37
O
Interrupt output. This is the interrupt line to the microprocessor.
PIO1(0 − 7)
9− 16
I/O
Programmable I/O port #1, bits 0 − 7. This 8-bit port can be configured as either inputs or outputs
(microcontroller port expansion).
PIO2(0 − 7)
18 − 25
I/O
Programmable I/O port #2, bits 0 − 7. This 8-bit port can be configured as either inputs or outputs
(microcontroller port expansion).
PIO3(0 − 3)
26 − 29
I/O
Programmable I/O port #3, bits 0 − 3. This 4-bit port can be configured as either inputs or outputs
(microcontroller port expansion).
RAEN/PO4(6)
43
O
Receive audio enable output/programmable output #4, bit 6. This terminal is used to enable the
receive audio section of the phone, or is bit 6 of programmable output 4 (open drain).
RCCBUSY/PO4(4)
32
O
RECC busy status/programmable output #4, bit 4. This terminal outputs the status result of the
majority vote of the three most recent busy/idle bits, or is bit 4 of programmable output 4.
RESET
40
I
Reset input, active low. A low applied to this terminal resets the TCM8002 and loads the default values
listed in the write map.
RFEN
30
O
RF enable. This terminal is used to enable the transmitter section of the phone (open drain).
RXIN
8
I
Baseband Manchester data input. Manchester-encoded data from control or voice channel is input
on this terminal.
SATIN
7
I
SAT input. Square-wave SAT data from the TCM8010 audio processor is input on this terminal.
SATOUT
5
O
Regenerated SAT output. Regenerated SAT data is output to the TCM8010 audio processor on this
terminal.
TAEN/PO4(7)
44
O
Transmit audio enable/programmable output #4, bit 7. The logic level on this terminal changes state
during RVC message or ST transmission, or is bit 7 of programmable output 4 (open drain).
TMZERO/PO4(5)
38
O
Timer zero/programmable output #4, bit 5. The logic level on this terminal changes state when the
counter/timer passes or reaches zero, or is bit 5 of programmable output 4.
TXOUT
6
O
Transmit data output. Encoded transmit data is output to the TMC8010 audio processor on this
terminal.
VDD
39
Positive supply voltage. Input is 3.3-V or 5-V.
VSS
17
Ground supply voltage.
WDOUT
31
O
Watchdog timer output. A logic-low pulse is output on this terminal when the watchdog timer times
out.
XTAL1
41
I
Crystal terminal 1/external clock source input. An external crystal is connected to this terminal for the
internal clock oscillator. An external clock signal can also be input on this terminal.
XTAL2
42
O
Crystal terminal 2. An external crystal is connected to this terminal for the internal clock oscillator.
† All inputs feature Schmitt triggers. All of the PIO terminals also feature optional 10-µA pullups.
‡ ( ) = bit count when in the terminal column


Similar Part No. - TCM8002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002FR TI-TCM8002FR Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
   Transmission and reception IC for cellular telephone
logo
New Japan Radio
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
List of Unclassifed Man...
FF1842M50-LS72 ETC-FF1842M50-LS72 Datasheet
47Kb / 3P
   1842.50 MHz SAW Filter for cellular telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com