Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM8002 Datasheet(PDF) 8 Page - Texas Instruments

Part # TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM8002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCM8002_08 Datasheet HTML 4Page - Texas Instruments TCM8002_08 Datasheet HTML 5Page - Texas Instruments TCM8002_08 Datasheet HTML 6Page - Texas Instruments TCM8002_08 Datasheet HTML 7Page - Texas Instruments TCM8002_08 Datasheet HTML 8Page - Texas Instruments TCM8002_08 Datasheet HTML 9Page - Texas Instruments TCM8002_08 Datasheet HTML 10Page - Texas Instruments TCM8002_08 Datasheet HTML 11Page - Texas Instruments TCM8002_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C − SEPTEMBER 1994 − REVISED JUNE 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Figure 1 shows the timing for processor read and write operations. DATAOUT has a 3-state driver and normally
presents the high-impedance state as shown in Figure 1. This allows DATAIN and DATAOUT be be tied together to
a bidirectional microprocessor pin.
1
A5
A4
A3
A2
A1
A0
1D6
D5
D4
D3
D2
D1
D0
D7
A6
A5
A4
A3
A2
A1
A0
0
tsu1
th1
tsu2
th2
Start
Bit
Write Address
Write Data
23
4
5
6
7
8
1
23
4
5
67
8
12
3
4
56
78
1
2
3
4
9
10
11
12
Q10
Q9
Q3
Q2
Q1
Q11
Start
Bit
Read Address
0
tc(er)
Q0
Read Data
DATAIN
DATAOUT
DCLK
CS
DATAIN
DCLK
CS
Write
Read
A6
Q6
Q5
Q3
Q2
Q1
Q7
0
Q0
Read Data
DATAOUT
Q4
(from event register)
(from any other register)
tc
tc(or)
Read Start Bit
Figure 1. Microprocessor-Interface Timing


Similar Part No. - TCM8002_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002FR TI-TCM8002FR Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8002_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
   Transmission and reception IC for cellular telephone
logo
New Japan Radio
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
List of Unclassifed Man...
FF1842M50-LS72 ETC-FF1842M50-LS72 Datasheet
47Kb / 3P
   1842.50 MHz SAW Filter for cellular telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com