Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM1520AD Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM1520AD
Description  RING DETECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM1520AD Datasheet(HTML) 2 Page - Texas Instruments

  TCM1520AD Datasheet HTML 1Page - Texas Instruments TCM1520AD Datasheet HTML 2Page - Texas Instruments TCM1520AD Datasheet HTML 3Page - Texas Instruments TCM1520AD Datasheet HTML 4Page - Texas Instruments TCM1520AD Datasheet HTML 5Page - Texas Instruments TCM1520AD Datasheet HTML 6Page - Texas Instruments TCM1520AD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCM1520A
DUAL DIFFERENTIAL COMPARATORS
SCTS005B − OCTOBER 1984 − REVISED DECEMBER 1990
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block diagram
Current
Sensor
Ring-Signal
Voltage Input
Section
Vref
200
6.8 V
8 k
5-V Series
Regulator
18 k
Transient
Protection
Section
45 V
1A
5
6
4
2
1
8
37
COMMON
COMMON
BELL TAPPING
SENSE
C FILTER
5-V OUTPUT
INVERTING
OUTPUT
AC INPUT
AC INPUT
Regulated
Voltage
Output Section
High-Input Impedance/
Antitapping Section
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Continuous supply voltage at C FILTER (see Note 1)
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous differential input voltage, VID (AC INPUT)
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current at 5-V OUTPUT, IO
12 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous SCR on-state input current
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SCR on-state input current, II(on) (duration ≤200 µs)
900 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, unless otherwise noted, are with respect to COMMON (pin 7).
DISSIPATION RATING TABLE
PACKAGE
TA = 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
D
950 mW
7.6 mW/
°C
494 mW
P
1000 mW
8.0 mW/
°C
520 mW


Similar Part No. - TCM1520AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520AD TI-TCM1520AD Datasheet
100Kb / 7P
[Old version datasheet]   RING DETECTOR
More results

Similar Description - TCM1520AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520A TI-TCM1520A Datasheet
100Kb / 7P
[Old version datasheet]   RING DETECTOR
logo
International Rectifier
PVO402AP IRF-PVO402AP Datasheet
90Kb / 6P
   Single Pole, Normally Open Ring Detector
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
JFW Industries, Inc.
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
   DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
   DETECTOR
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009_17 Datasheet
26Kb / 1P
   DETECTOR
50D-052 JFW-50D-052 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009 Datasheet
26Kb / 1P
   DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com