Electronic Components Datasheet Search |
|
TCM1520A Datasheet(PDF) 2 Page - Texas Instruments |
|
TCM1520A Datasheet(HTML) 2 Page - Texas Instruments |
2 / 7 page TCM1520A DUAL DIFFERENTIAL COMPARATORS SCTS005B − OCTOBER 1984 − REVISED DECEMBER 1990 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 functional block diagram Current Sensor Ring-Signal Voltage Input Section Vref 200 Ω 6.8 V 8 k Ω 5-V Series Regulator 18 k Ω Transient Protection Section 45 V 1A 5 6 4 2 1 8 37 COMMON COMMON BELL TAPPING SENSE C FILTER 5-V OUTPUT INVERTING OUTPUT AC INPUT AC INPUT Regulated Voltage Output Section High-Input Impedance/ Antitapping Section absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Continuous supply voltage at C FILTER (see Note 1) 40 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous differential input voltage, VID (AC INPUT) 40 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current at 5-V OUTPUT, IO 12 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous SCR on-state input current 200 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SCR on-state input current, II(on) (duration ≤200 µs) 900 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA −40 °C to 105°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values, unless otherwise noted, are with respect to COMMON (pin 7). DISSIPATION RATING TABLE PACKAGE TA = 25°C POWER RATING OPERATING FACTOR ABOVE TA = 25°C TA = 85°C POWER RATING D 950 mW 7.6 mW/ °C 494 mW P 1000 mW 8.0 mW/ °C 520 mW |
Similar Part No. - TCM1520A_08 |
|
Similar Description - TCM1520A_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |