Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9539-Q1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9539-Q1
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539-Q1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TCA9539-Q1 Datasheet HTML 27Page - Texas Instruments TCA9539-Q1 Datasheet HTML 28Page - Texas Instruments TCA9539-Q1 Datasheet HTML 29Page - Texas Instruments TCA9539-Q1 Datasheet HTML 30Page - Texas Instruments TCA9539-Q1 Datasheet HTML 31Page - Texas Instruments TCA9539-Q1 Datasheet HTML 32Page - Texas Instruments TCA9539-Q1 Datasheet HTML 33Page - Texas Instruments TCA9539-Q1 Datasheet HTML 34Page - Texas Instruments TCA9539-Q1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
POR
V
PORR
V
CC
V
PORF
Time
Time
31
TCA9539-Q1
www.ti.com
SCPS254B – JANUARY 2014 – REVISED APRIL 2016
Product Folder Links: TCA9539-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
VPOR is critical to the power-on reset. VPORR is the voltage level at which the reset condition is released and all
the registers and the I2C/SMBus state machine are initialized to their default states. The value of VPOR differs
based on the VCC being lowered to or from 0. Figure 38 and Table 8 provide more details on this specification.
Figure 38. VPOR
11 Layout
11.1 Layout Guidelines
For printed circuit board (PCB) layout of the TCA9539-Q1, common PCB layout practices must be followed but
additional concerns related to high-speed data transfer such as matched impedances and differential pairs are
not a concern for I2C signal speeds.
In all PCB layouts, it is a best practice to avoid right angles in signal traces, to fan out signal traces away from
each other upon leaving the vicinity of an integrated circuit (IC), and to use thicker trace widths to carry higher
amounts of current that commonly pass through power and ground traces. By-pass and de-coupling capacitors
are commonly used to control the voltage on the VCC pin, using a larger capacitor to provide additional power in
the event of a short power supply glitch and a smaller capacitor to filter out high-frequency ripple. These
capacitors must be placed as close to the TCA9539-Q1 as possible. These best practices are shown in
Figure 39.
For the layout example provided in Figure 39, it would be possible to fabricate a PCB with only 2 layers by using
the top layer for signal routing and the bottom layer as a split plane for power (VCC) and ground (GND). However,
a 4 layer board is preferable for boards with higher density signal routing. On a 4 layer PCB, it is common to
route signals on the top and bottom layer, dedicate one internal layer to a ground plane, and dedicate the other
internal layer to a power plane. In a board layout using planes or split planes for power and ground, vias are
placed directly next to the surface mount component pad which must attach to VCC or GND and the via is
connected electrically to the internal layer or the other side of the board. Vias are also used when a signal trace
needs to be routed to the opposite side of the board, but this technique is not demonstrated in Figure 39.


Similar Part No. - TCA9539-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
More results

Similar Description - TCA9539-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539 TI1-TCA9539_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com