Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9539PWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9539PWR
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539PWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCA9539PWR Datasheet HTML 25Page - Texas Instruments TCA9539PWR Datasheet HTML 26Page - Texas Instruments TCA9539PWR Datasheet HTML 27Page - Texas Instruments TCA9539PWR Datasheet HTML 28Page - Texas Instruments TCA9539PWR Datasheet HTML 29Page - Texas Instruments TCA9539PWR Datasheet HTML 30Page - Texas Instruments TCA9539PWR Datasheet HTML 31Page - Texas Instruments TCA9539PWR Datasheet HTML 32Page - Texas Instruments TCA9539PWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
VCC
Time
VCC_GH
VCC_GW
VCC_MV
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC drops below V
50 mV
PORF
VCC_RT
VCC_FT
VCC_TRR
29
TCA9539
www.ti.com
SCPS202C – OCTOBER 2009 – REVISED MAY 2016
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
TA = –40°C to +85°C (unless otherwise noted)
10 Power Supply Recommendations
10.1 Power-On Reset Requirements
In the event of a glitch or data corruption, the TCA9539 can be reset to its default conditions by using the power-
on reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The voltage waveform for a power-on reset is shown in Figure 40.
VCC Is lowered below the POR threshold, then ramped back up to VCC
Figure 40. Voltage Waveform for Power-On Reset
Table 8 specifies the performance of the power-on reset feature for the TCA9539.
Table 8. Recommended Supply Sequencing and Ramp Rates (1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 40
0.1
ms
VCC_RT
Rise rate
See Figure 40
0.1
ms
VCC_TRR
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV or when
VCC drops to GND)
See Figure 40
1
μs
VCC_GH
The level (referenced to VCC) that VCC can glitch down to, but
not cause a functional disruption when VCC_GW
See Figure 41
1.2
V
VCC_MV
The minimum voltage that VCC can glitch down to without
causing a reset (VCC_GH must not be violated)
See Figure 41
1.5
V
VCC_GW
Glitch width that will not cause a functional disruption
See Figure 41
10
μs
VPORF
Voltage trip point of POR on falling VCC
0.75
1
V
VPORR
Voltage trip point of POR on rising VCC
1.2
1.5
V
Glitches in the power supply can also affect the power-on reset performance of this device. The glitch width
(VCC_GW) and height (VCC_GH) are dependent on each other. The bypass capacitance, source impedance, and
device impedance are factors that affect power-on reset performance. Figure 41 and Table 8 provide more
information on how to measure these specifications.
Figure 41. Glitch Width and Glitch Height


Similar Part No. - TCA9539PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539PWR TI-TCA9539PWR Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9539PWR TI1-TCA9539PWR Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results

Similar Description - TCA9539PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com