Electronic Components Datasheet Search |
|
PV9F2U0SS34 Datasheet(PDF) 1 Page - E-SWITCH |
|
PV9F2U0SS34 Datasheet(HTML) 1 Page - E-SWITCH |
1 / 3 page www.e-switch.com 800.867.2717 2 RoHS Audio / Visual Security Devices Industrial Controls Electrical Housewares Kiosks SpecificationS part number configurator featureS & benefitS applicationS / marketS pV9 SerieS anti-Vandal Switch Specifications subject to change without notice • 28mm diameter panel cutout • Dot or ring illumination options available • Multiple switch functions available • Multiple illumination voltage options • IP65 rated • SPDT or DPDT Electrical Rating: 2A, 48VDC Mechanical Life: 1,000,000 Cycles Electrical Life: 50,000 Cycles Contact Resistance: 50mΩ Max. Insulation Resistance: 1000 MΩ Min. @ 500VDC Dielectric Strength: 2,000VAC Operating/Storage Temperature: -20°C to 55°C Travel: 2.8mm Moisture Protection: IP65 Contact Arrangement: SPDT or DPDT Actuation Force: 660 gf Panel Thickness: 1-10mm Hex Nut Torque: 5-14Nm PV9 F - Flat 0 - 2A, 48VDC N - Nickel Plated S - Stainless Steel Series Actuator Options Rating Options Body Finish Options Medical Equipment 2 - Solder Terminal Options Y - 1P OFF-(ON), 1P ON-(OFF)* T - 1P OFF-ON, 1P ON-OFF V - 2P OFF-(ON), 2P ON-(OFF)* U - 2P OFF-ON, 2P ON-OFF Function Options N - Nickel Plated S - Stainless Steel Actuator Finish Options NONE - Non- Illuminated 2 - Dot Illumination 3 - Ring Illumination Lens Style Options NONE - Non- Illuminated 0 - White 1 - Red 2 - Orange 3 - Green 4 - Blue 5 - Yellow F - Red/Orange G - Red/Green H - Red/Blue J - Red/Yellow K - Orange/Green L - Orange/Blue M - Orange/Yellow LED Color Options NONE - Non- Illuminated 1 - Base Voltage/ 3 - 6V 4 - 12V 5 - 24V 6 - 125V 7 - 250V Illumination Voltage Options NOTES: *( ) denotes function is momentary /Base voltage for LED colors red, yellow, and orange is 1.8V @ 20mA /Base voltage for LED colors blue, green and white is 2.8V @ 20mA |
Similar Part No. - PV9F2U0SS34 |
|
Similar Description - PV9F2U0SS34 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |