Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9535PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9535PWR
Description  Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9535PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA9535PWR Datasheet HTML 5Page - Texas Instruments TCA9535PWR Datasheet HTML 6Page - Texas Instruments TCA9535PWR Datasheet HTML 7Page - Texas Instruments TCA9535PWR Datasheet HTML 8Page - Texas Instruments TCA9535PWR Datasheet HTML 9Page - Texas Instruments TCA9535PWR Datasheet HTML 10Page - Texas Instruments TCA9535PWR Datasheet HTML 11Page - Texas Instruments TCA9535PWR Datasheet HTML 12Page - Texas Instruments TCA9535PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VCC-VOH - Output High Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
D001
D012
VCC = 1.65 V
-40 °C
25 °C
85 °C
VCC-VOH - Output High Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
D001
D013
VCC = 1.8 V
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
70
80
90
D010
VCC = 5.5 V
-40 °C
25 °C
85 °C
TA - Temperature (°C)
-40
-15
10
35
60
85
0
50
100
150
200
250
300
D011
1.8 V, 1 mA
1.8 V, 10 mA
3.3 V, 1mA
3.3 V, 10 mA
5 V, 1 mA
5 V, 10 mA
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
70
D007
VCC = 3.3 V
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
70
80
D009
VCC = 5 V
-40 °C
25 °C
85 °C
9
TCA9535
www.ti.com
SCPS201D – AUGUST 2009 – REVISED JULY 2016
Product Folder Links: TCA9535
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 7. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 3.3 V
Figure 8. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 5 V
Figure 9. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 5.5 V
Figure 10. I/O Low Voltage vs Temperature for Different VCC
and IOL
Figure 11. I/O Source Current vs Output High Voltage for
Different Temperature (TA) for VCC = 1.65 V
Figure 12. I/O Source Current vs Output High Voltage for
Different Temperature (TA) for VCC = 1.8 V


Similar Part No. - TCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9535PWR TI-TCA9535PWR Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535PWR TI1-TCA9535PWR Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com