Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9539 Datasheet(PDF) 12 Page - Texas Instruments

Part # TCA9539
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TCA9539_16 Datasheet HTML 8Page - Texas Instruments TCA9539_16 Datasheet HTML 9Page - Texas Instruments TCA9539_16 Datasheet HTML 10Page - Texas Instruments TCA9539_16 Datasheet HTML 11Page - Texas Instruments TCA9539_16 Datasheet HTML 12Page - Texas Instruments TCA9539_16 Datasheet HTML 13Page - Texas Instruments TCA9539_16 Datasheet HTML 14Page - Texas Instruments TCA9539_16 Datasheet HTML 15Page - Texas Instruments TCA9539_16 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Voltage Waveforms
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tvd(ack)
tvd(data)
0.3 × VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or
Repeat
Start
Condition
SCL
SDA
Start
Condition
(S)
Address
Bit 7
(MSB)
Data
Bit 10
(LSB)
Stop
Condition
(P)
SDA Load Configuration
ticf
Stop
Condition
(P)
tsp
0.7 × VCC
0.3 × VCC
0.7 × VCC
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 07
(MSB)
Address
Bit 1
Address
Bit 6
BYTE
DESCRIPTION
1
I2C address
2, 3
P-port data
RL = 1 k
VCC
CL = 50 pF
(see Note A)
DUT
SDA
12
TCA9539
SCPS202C – OCTOBER 2009 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 19. I2C Interface Load Circuit and Voltage Waveforms


Similar Part No. - TCA9539_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results

Similar Description - TCA9539_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com