Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH2D09BNP-2R4MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH2D09BNP-2R4MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH2D09BNP-2R4MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDH2D09BNP-2R4MC Datasheet HTML 1Page - Sumida Corporation CDH2D09BNP-2R4MC Datasheet HTML 2Page - Sumida Corporation CDH2D09BNP-2R4MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH2D09B
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 3.0×2.8 x1.0 mm Max.
• Product weight: 23mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range:-40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range:-40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
•7.0”diameter reel
• 1500pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,HDD,
DSC/DVC, etc as DC-DC inverter inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.34
0.31
1313(1050)
22
±20%
P
CDH2D09BNP-220MC
0.39
0.38
956(765)
15
±20%
M
CDH2D09BNP-150MC
0.47
0.48
588(470)
10
±20%
L
CDH2D09BNP-100MC
0.64
0.60
400(320)
6.4
±20%
J
CDH2D09BNP-6R4MC
0.85
0.70
273(218)
4.7
±20%
G
CDH2D09BNP-4R7MC
1.06
0.85
188(150)
3.3
±20%
F
CDH2D09BNP-3R3MC
1.18
1.00
160(128)
2.4
±20%
E
CDH2D09BNP-2R4MC
Temperature
Rise Current
(A)
※3
Saturation
Current
(A)※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDH2D09BNP-2R4MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH2D09B SUMIDA-CDH2D09B Datasheet
162Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDH2D09BNP-2R4MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com