Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D18CNP-2R0MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D18CNP-2R0MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D18CNP-2R0MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D18CNP-2R0MC Datasheet HTML 1Page - Sumida Corporation CDRH5D18CNP-2R0MC Datasheet HTML 2Page - Sumida Corporation CDRH5D18CNP-2R0MC Datasheet HTML 3Page - Sumida Corporation CDRH5D18CNP-2R0MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH5D18C
Electrical Characteristics
0.60
0.50
0.62
605.4(484.1)
47
±20%
470
CDRH5D18CNP-470MC
0.75
0.60
0.72
430.9(344.7)
33
±20%
330
CDRH5D18CNP-330MC
0.95
0.72
0.92
290.4(232.3)
22
±20%
220
CDRH5D18CNP-220MC
1.15
0.88
1.10
197.8(158.2)
15
±20%
150
CDRH5D18CNP-150MC
1.25
0.96
1.20
165.0(132.0)
12
±20%
120
CDRH5D18CNP-120MC
1.40
1.08
1.30
132.0(105.6)
10
±20%
100
CDRH5D18CNP-100MC
1.50
1.16
1.44
110.2(88.1)
8.2
±20%
8R2
CDRH5D18CNP-8R2MC
1.80
1.36
1.68
86.0(68.8)
6.8
±20%
6R8
CDRH5D18CNP-6R8MC
1.90
1.44
1.76
77.9(62.3)
5.6
±20%
5R6
CDRH5D18CNP-5R6MC
2.20
1.60
2.00
60.4(48.3)
4.7
±20%
4R7
CDRH5D18CNP-4R7MC
2.50
1.84
2.30
48.3(38.7)
3.3
±20%
3R3
CDRH5D18CNP-3R3MC
3.00
2.30
2.90
32.7(26.1)
2.0
±20%
2R0
CDRH5D18CNP-2R0MC
3.50
2.70
3.36
25.6(20.5)
1.5
±20%
1R5
CDRH5D18CNP-1R5MC
3.80
3.28
4.16
21.0(16.8)
1.0
±20%
1R0
CDRH5D18CNP-1R0MC
at 105
at 20
Temperature
Rise Current
(
A) ※3
Saturation Current (
A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDRH5D18CNP-2R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
236Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
101Kb / 2P
   POWER INDUCTORS
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
129Kb / 1P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH5D18 ECM-CDRH5D18 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D18 AITCOMPONENTS-CDRH5D18 Datasheet
30Kb / 1P
   CDRH5D18 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D18CNP-2R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com