Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH8D43RT125NP-1R0NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH8D43RT125NP-1R0NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43RT125NP-1R0NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D43RT125NP-1R0NC Datasheet HTML 1Page - Sumida Corporation CDRH8D43RT125NP-1R0NC Datasheet HTML 2Page - Sumida Corporation CDRH8D43RT125NP-1R0NC Datasheet HTML 3Page - Sumida Corporation CDRH8D43RT125NP-1R0NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH8D43R/T125
Electrical Characteristics
※ 1 Measuring frequency inductance at 100kHz.
※ 2 ( ) are typical value.
※ 3 Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※ 4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.48
0.50
0.62
1330(1068)
330
±20%
331
CDRH8D43RT125NP-331MC
0.60
0.60
0.75
861(689)
220
±20%
221
CDRH8D43RT125NP-221MC
0.76
0.72
0.91
575(460)
150
±20%
151
CDRH8D43RT125NP-151MC
0.93
0.87
1.10
353(282)
100
±20%
101
CDRH8D43RT125NP-1Ø1MC
1.03
1.05
1.30
288(231)
68
±20%
680
CDRH8D43RT125NP-68ØMC
1.30
1.30
1.60
186(149)
47
±20%
470
CDRH8D43RT125NP-47ØMC
1.55
1.55
1.95
123(98.5)
33
±20%
330
CDRH8D43RT125NP-33ØMC
2.05
1.85
2.35
77.6(62.0)
22
±20%
220
CDRH8D43RT125NP-22ØMC
2.30
2.30
2.90
61.8(49.4)
15
±20%
150
CDRH8D43RT125NP-15ØMC
2.70
2.75
3.50
45.0(36.0)
10
±20%
100
CDRH8D43RT125NP-1ØØMC
2.85
3.20
4.00
40.8(32.6)
8.2
±30%
8R2
CDRH8D43RT125NP-8R2NC
3.45
3.30
4.20
29.8(23.9)
6.8
±30%
6R8
CDRH8D43RT125NP-6R8NC
3.70
3.50
4.50
26.9(21.5)
5.6
±30%
5R6
CDRH8D43RT125NP-5R6NC
4.30
4.20
5.40
23.5(18.8)
4.3
±30%
4R3
CDRH8D43RT125NP-4R3NC
5.20
4.70
6.10
16.3(13.0)
3.3
±30%
3R3
CDRH8D43RT125NP-3R3NC
5.80
5.60
7.10
14.0(11.2)
2.4
±30%
2R4
CDRH8D43RT125NP-2R4NC
6.40
5.80
7.30
12.1(9.7)
1.8
±30%
1R8
CDRH8D43RT125NP-1R8NC
7.50
6.00
8.00
9.7(7.8)
1.0
±30%
1R0
CDRH8D43RT125NP-1RØNC
(at 125
℃)
(Typ.)
(at 20
℃)
Temperature
rise current
(A)
※4
Saturation current
(A)
※3
D.C.R. (m
Ω)
[Max.]
(at 20
℃) ※2
Inductance
(
μH) [Within]
※1
Stamp
Part No.


Similar Part No. - CDRH8D43RT125NP-1R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH8D43RT125NP-1R0NC SUMIDA-CDRH8D43RT125NP-1R0NC Datasheet
165Kb / 4P
   Ferrite drum core construction.
More results

Similar Description - CDRH8D43RT125NP-1R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com