Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH8D28HPNP-4R7NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH8D28HPNP-4R7NC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D28HPNP-4R7NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH8D28HPNP-4R7NC Datasheet HTML 1Page - Sumida Corporation CDRH8D28HPNP-4R7NC Datasheet HTML 2Page - Sumida Corporation CDRH8D28HPNP-4R7NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH8D28HP
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:8.3×8.3×3.0 mm Max.
• Product weight: 0.57g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 12.9”diameter reel
• 1000pcs per reel
Applications
• Ideally used in Notebook PC, Game machine,
HDD, DVC, LCD TV etc as DC-DC converter
inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(3.3μH~7.3μH) (10μH~68μH)
M A X 3 . 0
8 .0 ± 0. 3
(2 .8 )
1 .2
6 .3
2.
5
8
.0
±
0
.3
Electrical Characteristics
※1. Inductance measuring conditions at 100kHz.
※2. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
※3. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.80
1.10
1.30
520(400)
68
±30%
680H
CDRH8D28HPNP-680NC
1.00
1.36
1.60
345(265)
47
±30%
470H
CDRH8D28HPNP-470NC
1.10
1.60
1.90
286(220)
33
±30%
330H
CDRH8D28HPNP-330NC
1.35
1.90
2.50
182(140)
22
±30%
220H
CDRH8D28HPNP-220NC
1.70
2.30
2.80
125(96)
15
±30%
150H
CDRH8D28HPNP-150NC
2.10
2.50
3.40
78(60)
10
±30%
100H
CDRH8D28HPNP-100NC
2.40
3.10
4.00
66(51)
7.3
±30%
7R3H
CDRH8D28HPNP-7R3NC
3.60
3.60
4.50
40(31)
4.7
±30%
4R7H
CDRH8D28HPNP-4R7NC
3.80
4.60
6.50
35(27)
3.3
±30%
3R3H
CDRH8D28HPNP-3R3NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name
6. 1
10 .1
2 .0
2
.8
1
2
1
2


Similar Part No. - CDRH8D28HPNP-4R7NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH8D28HPNP-4R7NC SUMIDA-CDRH8D28HPNP-4R7NC Datasheet
144Kb / 2P
   Power Inductors
More results

Similar Description - CDRH8D28HPNP-4R7NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com