Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC255P Datasheet(PDF) 8 Page - Texas Instruments

Part # TC255P
Description  PIXEL CCD IMAGE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC255P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC255P_03 Datasheet HTML 4Page - Texas Instruments TC255P_03 Datasheet HTML 5Page - Texas Instruments TC255P_03 Datasheet HTML 6Page - Texas Instruments TC255P_03 Datasheet HTML 7Page - Texas Instruments TC255P_03 Datasheet HTML 8Page - Texas Instruments TC255P_03 Datasheet HTML 9Page - Texas Instruments TC255P_03 Datasheet HTML 10Page - Texas Instruments TC255P_03 Datasheet HTML 11Page - Texas Instruments TC255P_03 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057A – JUNE 1996 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC: ADB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: ABG, IAG1, IAG2, SAG, SRG
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
ADB
11
12
13
V
Substrate bias voltage
0
V
IAG1 IAG2
High level
1.5
2
2.5
IAG1, IAG2
Low level
–10.5
–10
–9.5
SAG
High level
1.5
2
2.5
SAG
Low level
–10.5
–10
–9.5
Input voltage, VI
SRG
High level
1.5
2
2.5
V
SRG
Low level
–10.5
–10
–9.5
High level
3.5
4
4.5
ABG
Intermediate level‡
–2.5
Low level
–8
–7
–6
ABG
6.25
12.5
Clock frequency f lk
IAG1, IAG2
25
MHz
Clock frequency, fclock
SAG
12.5
MHz
SRG
6.25
12.5
Load capacitive
OUT
6
pF
Plastic package thermal conductivity
0.008
J/cm
•s•°C
Operating free-air temperature, TA
–10
45
°C
‡ Adjustment is required for optimum performance.


Similar Part No. - TC255P_03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC255P TI-TC255P Datasheet
240Kb / 18P
[Old version datasheet]   336- 횞 244-pixel ccd image sensor
More results

Similar Description - TC255P_03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com