Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR128NP-180MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRR128NP-180MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR128NP-180MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRR128NP-180MC Datasheet HTML 1Page - Sumida Corporation CDRR128NP-180MC Datasheet HTML 2Page - Sumida Corporation CDRR128NP-180MC Datasheet HTML 3Page - Sumida Corporation CDRR128NP-180MC Datasheet HTML 4Page - Sumida Corporation CDRR128NP-180MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 2014-June-19
SMD Power Inductor
CDRR128
Electrical Characteristics
※1. Measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.58(0.66)
0.68(0.85)
0.86(1.1)
1.82(1.52)
1000
±20%
102
CDRR128NP-1Ø2MC
0.63(0.72)
0.72(0.90)
0.96(1.2)
1.48(1.23)
820
±20%
821
CDRR128NP-821MC
0.76(0.87)
0.83(1.0)
1.0(1.3)
1.18(0.949)
680
±20%
681
CDRR128NP-681MC
0.76(0.88)
0.89(1.1)
1.1(1.5)
0.96(0.793)
560
±20%
561
CDRR128NP-561MC
0.88(1.0)
0.92(1.2)
1.3(1.6)
0.80(0.64)
470
±20%
471
CDRR128NP-471MC
0.89(1.0)
1.1(1.4)
1.4(1.8)
0.71(0.58)
390
±20%
391
CDRR128NP-391MC
0.97(1.1)
1.2(1.5)
1.6(2.0)
0.57(0.453)
330
±20%
331
CDRR128NP-331MC
1.0(1.2)
1.3(1.6)
1.7(2.2)
0.487(0.406)
270
±20%
271
CDRR128NP-271MC
1.2(1.4
1.4(1.8)
1.9(2.4)
0.389(0.324)
220
±20%
221
CDRR128NP-221MC
1.4(1.6)
1.5(1.9)
2.0(2.5)
0.301(0.25)
180
±20%
181
CDRR128NP-181MC
1.6(1.8)
1.6(2.0)
2.2(2.8)
0.238(0.192)
150
±20%
151
CDRR128NP-151MC
1.7(1.9)
1.7(2.2)
2.4(3.0)
0.208(0.173)
120
±20%
121
CDRR128NP-121MC
1.9(2.1)
1.9(2.4)
2.6(3.3)
0.178(0.147)
100
±20%
101
CDRR128NP-1Ø1MC
2.0(2.3)
2.1(2.7)
2.9(3.7)
0.155(0.129)
82
±20%
820
CDRR128NP-82ØMC
2.2(2.5)
2.6(3.2)
3.4(4.2)
0.129(0.107)
68
±20%
680
CDRR128NP-68ØMC
2.6(2.9)
2.7(3.4)
3.7(4.6)
103m(82.6m)
56
±20%
560
CDRR128NP-56ØMC
2.8(3.2)
2.8(3.6)
3.8(4.7)
89m(71.0m)
47
±20%
470
CDRR128NP-47ØMC
2.9(3.2)
3.4(4.3)
4.5(5.7)
79m(63.0m)
39
±20%
390
CDRR128NP-39ØMC
3.0(3.4)
3.6(4.5)
4.9(6.1)
72m(57.4m)
33
±20%
330
CDRR128NP-33ØMC
3.1(3.6)
3.7(4.6)
5.1(6.4)
65m(52.0m)
27
±20%
270
CDRR128NP-27ØMC
3.6(4.2)
3.8(4.8)
5.3(6.6)
50m(40.3m)
22
±20%
220
CDRR128NP-22ØMC
3.8(4.3)
4.6(5.7)
6.2(7.7)
44m(35.2m)
18
±20%
180
CDRR128NP-18ØMC
4.2(4.8)
5.0(6.3)
6.6(8.3)
41m(33.0m)
15
±20%
150
CDRR128NP-15ØMC
4.4(5.0)
5.9(7.3)
7.5(9.4)
36m(28.0m)
12±20%
120
CDRR128NP-12ØMC
(at 125℃)
(at 25℃)
Temperature rise
Current (A) ※3
Saturation current
(A) ※2
D.C.R.(Ω)
[Max.] (Typ.)
(at 20℃)
Inductance
(μH)
[Within] ※1
Stamp
Part No.


Similar Part No. - CDRR128NP-180MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR126 SUMIDA-CDRR126 Datasheet
83Kb / 4P
   SMD Power Inductor
CDRR126NP-100MC SUMIDA-CDRR126NP-100MC Datasheet
83Kb / 4P
   SMD Power Inductor
CDRR126NP-101MC SUMIDA-CDRR126NP-101MC Datasheet
83Kb / 4P
   SMD Power Inductor
CDRR126NP-150MC SUMIDA-CDRR126NP-150MC Datasheet
83Kb / 4P
   SMD Power Inductor
CDRR126NP-151MC SUMIDA-CDRR126NP-151MC Datasheet
83Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR128NP-180MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com