Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR73NP-220MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRR73NP-220MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR73NP-220MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRR73NP-220MC Datasheet HTML 1Page - Sumida Corporation CDRR73NP-220MC Datasheet HTML 2Page - Sumida Corporation CDRR73NP-220MC Datasheet HTML 3Page - Sumida Corporation CDRR73NP-220MC Datasheet HTML 4Page - Sumida Corporation CDRR73NP-220MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
3.60
CDRR73NP-3R3MC
3.30 ± 20%
32.00
(25.00)
2.32
2.83
CDRR73NP-4R7MC
4.70 ± 20%
40.00
(32.00)
1.92
2.42
CDRR73NP-6R8MC
6.80 ± 20%
52.00
(41.00)
1.58
1.90
CDRR73NP-100MC
10.00 ± 20%
69.00
(55.00)
1.32
1.62
CDRR73NP-150MC
15.00 ± 20%
97.00
(77.00)
1.06
1.34
CDRR73NP-220MC
22.00 ± 20%
137 (109)
0.88
1.05
CDRR73NP-330MC
33.00 ± 20%
193 (154)
0.74
1.05
CDRR73NP-330MC1
33.00 ± 20%
193 (154)
0.74
0.92
CDRR73NP-470MC
47.00 ± 20%
247 (197)
0.61
0.78
CDRR73NP-680MC
68.00 ± 20%
364 (291)
0.50
0.65
CDRR73NP-101MC
100 ± 20%
540 (450)
0.42
0.52
CDRR73NP-151MC
150 ± 20%
753 (602)
0.34
0.41
CDRR73NP-221MC
220 ± 20%
1213 (970)
0.27
0.29
CDRR73NP-331MC
330 ± 20%
1872 (1560)
0.24
0.26
CDRR73NP-471MC
470 ± 20%
2328 (1940)
0.19
0.26
CDRR73NP-471MC1
470 ± 20%
2328 (1940)
0.19
0.21
CDRR73NP-681MC
680 ± 20%
3360 (2800)
0.16
0.17
CDRR73NP-102MC
1000 ± 20%
5052 (4210)
0.13
※1. Inductance measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
CDRR73
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2016-06-21
WWW.SUMIDA.COM


Similar Part No. - CDRR73NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR73NP-101MC SUMIDA-CDRR73NP-101MC Datasheet
134Kb / 1P
   Power Inductor< SMD Type : CDRR Series>
CDRR73NP-6R8MC SUMIDA-CDRR73NP-6R8MC Datasheet
134Kb / 1P
   Power Inductor< SMD Type : CDRR Series>
More results

Similar Description - CDRR73NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com