Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5100 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5100
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5100 Datasheet HTML 3Page - Texas Instruments TAS5100 Datasheet HTML 4Page - Texas Instruments TAS5100 Datasheet HTML 5Page - Texas Instruments TAS5100 Datasheet HTML 6Page - Texas Instruments TAS5100 Datasheet HTML 7Page - Texas Instruments TAS5100 Datasheet HTML 8Page - Texas Instruments TAS5100 Datasheet HTML 9Page - Texas Instruments TAS5100 Datasheet HTML 10Page - Texas Instruments TAS5100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TAS5100
SLLS419B − MARCH 2001 − REVISED NOVEMBER 2001
7
www.ti.com
functional description
PWM H-bridge state control
The digital interface control signals consists of PWM_AP, PWM_AM, PWM_BP, and PWM_BM. These signals
are a complementary differential signal format for the A-side H-bridge and the B-side H-bridge.
bootstrapped gate drive
The TAS5100 includes 2 dedicated bootstrapped power supplies. A bootstrap capacitor is connected between
the individual bootstrap pin and the associated output as described in the application note SLAA117. For
example, a capacitor will be connected between the BOOTSTRAPA pin and OUTPUTA pin, and another
capacitor will be connected between the BOOTSTRAPB pin and the OUTPUTB pin. The bootstrap power
supply minimizes the number of high voltage power supply levels externally supplied to the system while
providing a low noise supply level for driving the high-side N-channel DMOS transistors. See application note
SLAA117 for details.
low-dropout voltage regulator
Two on-chip low-dropout voltage regulators (LDO) are provided to minimize the number of external power
supplies needed for the system. These voltage regulators are for internal circuits only and cannot be used for
external circuitry. Each LDO is dedicated to an H-bridge and its gate driver. An LDO output capacitor is
connected between the individual LDO output pin and the associated output return as described in the
application note SLAA117. For example, a capacitor will be connected between the LDROUTA pin and PVSS
pin, and another capacitor will be connected between the LDROUTB pin and PVSS pin.
high-current H-bridge output stage
The positive outputs of the H-bridge are the two OUTPUTA pins. The negative outputs of the H-bridge are the
two OUTPUTB pins. The logic for the input command to H-bridge outputs is described in the H-bridge output
mapping section below. When the TAS5100 is in the normal mode, as seen in the H-bridge output mapping
tables, the outputs are decoded from the inputs. However, the TAS5100 is immediately shut down if any of the
following error conditions occur: over-current, over-temperature, low regulator output voltage, or an illegal PWM
input state is applied. For these conditions, the outputs are set to the appropriate disabled state as specified
in the H-bridge output mapping section, and the SHUTDOWN pin is set low.
H-bridge output mapping
The A-side H-bridge output is designed to the following truth table:
INPUTS
OUTPUTS
DESCRIPTION
RESET
PWDN
PWM_AP
PWM_AM
SHUTDOWN
OUTPUTA
DESCRIPTION
X
X
X
X
0
0 or Hi-Z†
Shutdown
X
0
X
X
1
Hi-Z
Powerdown
0
1
X
X
1
0
Reset
1
1
0
0
0
0
Shutdown
1
1
0
1
1
0
Normal
1
1
1
0
1
1
Normal
1
1
1
1
0
0
Shutdown
† Output is 0 for low voltage, over temperature, and illegal input. Hi-Z is for over current.


Similar Part No. - TAS5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAP TI-TAS5100ADAP Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAP TI-TAS5100ADAP Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAPR TI-TAS5100ADAPR Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results

Similar Description - TAS5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
[Old version datasheet]   TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com