Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7725EVB-DEMO-1-KIT Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP7725EVB-DEMO-1-KIT
Description  Power Management System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7725EVB-DEMO-1-KIT Datasheet(HTML) 5 Page - Exar Corporation

  XRP7725EVB-DEMO-1-KIT Datasheet HTML 1Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 2Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 3Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 4Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 5Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 6Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 7Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 8Page - Exar Corporation XRP7725EVB-DEMO-1-KIT Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2014 Exar Corporation
CURRENT AND AUX ADC (MONITORING
Parameter
Min.
Typ.
Current Sense Accuracy
-3.75
±1.25
-10
-5
±2.5
-12.5
Current Sense ADC INL
±
DNL
0.27
Current Limit Set Point
Resolution and Current
Sense ADC Resolution
1.25
2.5
Current Sense ADC Range
-120
-280
VOUT ADC Resolution
15
30
60
VOUT ADC Accuracy
-1
VCC ADC Range
4.6
UVLO WARN SET
4.4
UVLO WARN CLEAR
4.4
UVLO FAULT SET (Note 3)
4.2
VCC ADC Resolution
200
VCC ADC Accuracy
-1
Die Temp ADC Resolution
Die Temp ADC Range
-44
Note 2: Although Range of VCC ADC is 0V to 25V,
Note 3: This test ensures an UVLO FAULT flag will be given before the LDO5 hardware UVLO trips.
LINEAR REGULATORS
Parameter
Min.
LDO5 Output Voltage
4.85
LDO5 Current Limit
135
LDO5 UVLO
4.74
LDO5 PGOOD Hysteresis
LDO5 Bypass Switch Resistance
Bypass Switch Activation
Threshold
2.5
Bypass Switch Activation
Hysteresis
LDO3_3 Output Voltage
3.15
LDO3_3 Current Limit
53
Maximum total LDO loading
during ENABLE start-up
I
In
ntte
ell N
No
od
de
e M
Ma
an
na
ag
ge
er
r C
Co
om
mp
pa
attiib
blle
e
P
Po
ow
we
er
r M
Ma
an
na
a
5/34
ONITORING
ADCS)
Typ.
Max.
Units
Conditions
±1.25
3.75
mV
Low Range (≤120mV)
-60mV applied
10
mV
±2.5
5
mV
High Range (≤280mV)
-150mV
+12.5
mV
±0.4
LSB
0.27
1.25
mV
Low Range (≤120mV)
2.5
mV
High Range (≤280mV)
20
mV
Low Range (≤120mV)
40
High Range (≤280mV)
15
30
60
mV
Low Range
Mid Range
High Range
1
LSB
25
V
Note 2
4.72
V
UVLO WARN set point 4.6V,
4.72
V
UVLO WARN set point 4.6V,
4.55
V
UVLO FAULT set point 4.4V,
200
mV
1
LSB
Vin <= 20V
5
°C
156
°C
Output value is in Kelvin
ADC is 0V to 25V, operation below 4.55 is not supported.
: This test ensures an UVLO FAULT flag will be given before the LDO5 hardware UVLO trips.
Typ.
Max.
Units
Conditions
5.0
5.15
V
5.5V ≤ VCC ≤ 25
0mA < ILDO5OUT
155
180
mA
LDO5 Fault Set
V
VCC Rising
375
mV
VCC Falling
1.1
1.5
2.5
%
V5EXT Rising, % of threshold setting
150
mV
V5EXT Falling
3.3
3.45
V
4.6V ≤ LDO5 ≤
0mA < ILDO3_3OUT
85
mA
LDO3_3 Fault Set
30
mA
ENABLE transition from logic low to
high. Once LDO5 in regulation above
limits apply.
X
XR
RP
P7
77
72
25
5
e
e P
Pr
ro
og
gr
ra
am
mm
ma
ab
blle
e
a
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
Rev. 1.0.0
Conditions
UVLO WARN set point 4.6V, VCC =LDO5
UVLO WARN set point 4.6V, VCC =LDO5
UVLO FAULT set point 4.4V, VCC =LDO5
Output value is in Kelvin
Conditions
≤ 25V
OUT < 130mA, LDO3_3 Off
LDO5 Fault Set
, % of threshold setting
≤ LDO5 ≤ 5.5V
LDO3_3OUT < 50mA
LDO3_3 Fault Set
ENABLE transition from logic low to
high. Once LDO5 in regulation above


Similar Part No. - XRP7725EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7725ILBF EXAR-XRP7725ILBF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP7725EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
   CDMA Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com