Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7720EVB-DEMO-1-KIT Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP7720EVB-DEMO-1-KIT
Description  Quad Output Universal Customizable PMIC with PFM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7720EVB-DEMO-1-KIT Datasheet(HTML) 1 Page - Exar Corporation

  XRP7720EVB-DEMO-1-KIT Datasheet HTML 1Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 2Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 3Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 4Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 5Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 6Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 7Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 8Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
X
XR
RP
P7
77
72
20
0
Q
Qu
ua
ad
d O
Ou
uttp
pu
utt U
Un
niiv
ve
errs
sa
all C
Cu
us
stto
om
miiz
za
ab
blle
e P
PM
MIIC
C w
wiitth
h P
PF
FM
M
January 2014
Rev. 1.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP7720 is a quad output universal
customizable PMIC comprised of a quad
channel Digital Pulse Width Modulated (DPWM)
Step down (buck) controller and 5V LDO. A
wide 4.75V to 5.5V and 5.5V to 18V input
voltage dual range allows for single supply
operation from standard power rails. It is pin
compatible to the popular XRP7724 and
provides full flexibility during the development
phase while offering a cost effective option for
high volume production units.
With integrated FET gate drivers, it can
operate
from
105kHz
to
1.23MHz
with
independent
channel-to-channel
programmable
operating
frequency,
the
XRP7720 reduces overall component count
and
solution
footprint
while
optimizing
conversion efficiencies.
A selectable digital
Pulse Frequency Mode (DPFM)
and low
operating current result in better than 80%
efficiency down to 10mA load provides support
for portable and Energy Star compliant
applications. Each XRP7720 output channel is
individually
programmable
down
to
a
minimum 0.6V with a resolution of 2.5mV, and
configurable for precise soft start and soft stop
sequencing, including delay and ramp control.
During development, the XRP7720ILB-DEV is
configured using PowerArchitectTM 5.1 (PA 5.1)
through an I2C interface, allowing for short
development of the power system and short
time to market for the entire system. Once
development
is
completed
and
volume
production is ready to commence, Exar will
assign a unique part suffix and deliver a
customized XRP7720.
Built-in independent output over voltage, over
temperature, over-current and under voltage
lockout protections ensure safe operation
under abnormal operating conditions.
The XRP7720 is offered in a RoHS compliant,
“green”/halogen free 44-pin TQFN package.
FEATURES
 Pin Compatible to XRP7724
 SMBus Compliant I2C Interface available
on XRP7720ILB-DEV Only
 Supported by PowerArchitect™ 5.1
 XRP7720ILB-DEV Only
 Quad Channel Step-down Controller
 Digital PWM 105kHz-1.23MHz Operation
 Individual Channel Frequency Selection
 Patented digital PFM with Ultrasonic Mode
 Integrated MOSFET Drivers
 Programmable 5 coefficient PID control
 4.75V to 18V Input Voltage
 4.75V-5.5 and 5.5V-18V Input Range
 0.6V to 5.5V Output voltage
 3 x 15V Capable PSIOs + 2 x GPIOs
 Full Start/Stop Sequencing Support
 Built-in Thermal, Over-Current, UVLO
and Output Over-Voltage Protections
 On Board 5V Standby LDO
 7x7mm TQFN44 Package
APPLICATIONS
 Blade Servers
 Micro Servers
 Network Adapter Cards
 Switches/Routers
 Video Surveillance Systems


Similar Part No. - XRP7720EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7724 EXAR-XRP7724 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724EVB-DEMO-2P-KIT EXAR-XRP7724EVB-DEMO-2P-KIT Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724ILB-F EXAR-XRP7724ILB-F Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724ILBTR-F EXAR-XRP7724ILBTR-F Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
More results

Similar Description - XRP7720EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
   Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
logo
Silicon Laboratories
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
Dialog Semiconductor
DA9024 DIALOG-DA9024 Datasheet
979Kb / 3P
   DA9024 Quad 1.2A Buck PMIC with Audio Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com