Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7725ILBTR-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP7725ILBTR-F
Description  Power Management System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7725ILBTR-F Datasheet(HTML) 4 Page - Exar Corporation

  XRP7725ILBTR-F Datasheet HTML 1Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 2Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 3Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 4Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 5Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 6Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7725ILBTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
© 2014 Exar Corporation
INPUT VOLTAGE RANGE AND UNDERVOLTAGE
Parameter
Min.
VCC Range
5.5
4.75
VOLTAGE FEEDBACK ACCURACY AND
Parameter
Min.
VOUT Regulation Accuracy
Low Output Range
0.6V to 1.6V
PWM Operation
-5
-20
-7.5
-22.5
VOUT Regulation Accuracy
Mid Output Range
0.6V to 3.2V
PWM Operation
-15
-45
-20
-50
VOUT Regulation Accuracy
High Output Range
0.6V to 5.5V
PWM Operation
-30
-90
-40
-100
VOUT Regulation Range
0.6
VOUT Native Set Point
Resolution
VOUT Fine Set Point Resolution
1
VOUT Input Resistance
VOUT Input Resistance in PFM
Operation
Power Good and OVP Set Point
Range (from set point)
-155
-310
-620
Power Good and OVP Set Point
Accuracy
-5
-10
-20
BFB Set Point Range
9
BFB Set Point Resolution
BFB Accuracy
-0.5
Note 1: Fine Set Point Resolution not available in PFM
I
In
ntte
ell N
No
od
de
e M
Ma
an
na
ag
ge
er
r C
Co
om
mp
pa
attiib
blle
e
P
Po
ow
we
er
r M
Ma
an
na
a
4/34
NDERVOLTAGE
LOCKOUT
Typ.
Max.
Units
Conditions
25
V
5.5
V
With VCC connected to LDO5
CCURACY AND
OUTPUT VOLTAGE SET POINT RESOLUTION
Typ.
Max.
Units
Conditions
5
mV
0.6 ≤ VOUT ≤ 1.6
20
mV
7.5
mV
0.6 ≤ VOUT ≤ 1.6V
VCC =LDO5
22.5
mV
15
mV
0.6 ≤ VOUT ≤ 3.2
45
mV
20
mV
0.6 ≤ VOUT ≤ 3.2
VCC =LDO5
50
mV
30
mV
0.6 ≤ VOUT ≤ 5.5V
90
mV
40
mV
0.6 ≤ VOUT ≤ 4.2V
VCC =LDO5
100
mV
5.5
V
Without external divider network
12.5
25
50
mV
Low Range
Mid Range
High Range
2.5
5
10
mV
Low Range
Mid Range
High Range
120
90
75
k
Low Range
Mid Range
High Range
10
1
0.67
M
Low Range
Mid Range
High Range
157.5
315
630
mV
Low Range
Mid Range
High Range
5
10
20
mV
Low Range
Mid Range
High Range
16
V
1
V
0.5
V
Note 1: Fine Set Point Resolution not available in PFM
X
XR
RP
P7
77
72
25
5
e
e P
Pr
ro
og
gr
ra
am
mm
ma
ab
blle
e
a
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
Rev. 1.0.0
Conditions
onnected to LDO5
ESOLUTION
Conditions
6V
≤ VOUT ≤ 1.6V
3.2V
3.2V
≤ VOUT ≤ 5.5V
≤ VOUT ≤ 4.2V
Without external divider network


Similar Part No. - XRP7725ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7725ILBF EXAR-XRP7725ILBF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP7725ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
   CDMA Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com