Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6274EVB Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP6274EVB
Description  2A Ultra Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6274EVB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP6274EVB Datasheet HTML 3Page - Exar Corporation XRP6274EVB Datasheet HTML 4Page - Exar Corporation XRP6274EVB Datasheet HTML 5Page - Exar Corporation XRP6274EVB Datasheet HTML 6Page - Exar Corporation XRP6274EVB Datasheet HTML 7Page - Exar Corporation XRP6274EVB Datasheet HTML 8Page - Exar Corporation XRP6274EVB Datasheet HTML 9Page - Exar Corporation XRP6274EVB Datasheet HTML 10Page - Exar Corporation XRP6274EVB Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
XRP6274
2A Ultra Low Dropout Voltage Regulator
© 2015 Exar Corporation
8/11
Rev. 2.0.0
input voltage falls below a lower boundary of
operation.
SOFT START
The XRP6274 features a soft-start which
controls the output voltage ramp and allows the
regulator to gradually reach the initial steady
state operating point.
This reduces current
spikes and surges at start up due to output
capacitor inrush current. Internal sequencing
completes in 50us, and then the reference
voltage is linearly ramped over a period of
approximately 2ms.
The inrush current will be the lesser of the
current limit value or the current defined by the
equation below:
���������������������������� = ����������������
����������������
2000��������
POWER GOOD FLAG
The XRP6274 features a Power Good Flag
output
signaling
an
abnormal
operating
condition. A low voltage on the Power Good Flag
output indicates:
-
Output voltage VOUT is approximately
9% below its expected value
-
A thermal fault has occurred
The Power Good Flag output, is an open
collector capable of sinking in excess of 1mA.
OUTPUT CURRENT LIMIT PROTECTION
The XRP6274 integrates output current limit
protection in order to protect the system main
power supply, the regulator itself and the load
from excessive current flow. This current limit
effectively keeps the flow of current in the
circuit at a safe level.
In short circuit conditions, the device will take
additional steps to limit input and power by
disabling and re-enabling the pass device until
the short condition is removed and normal
operation can resume.
Depending on the
impedance of the short, this short circuit
protection function may initiate operation
between 10% and 50% of the targeted output
voltage
THERMAL PROTECTION AND SHUTDOWN
The XRP6274 includes a thermal shutdown
circuitry in order to restrict the device’s
operating temperature within a safe operating
range. When activated, typically at 160°C, the
XRP6274 is forced into a low power reset state
with a typical hysteresis of 30 degrees.
Combined with the short circuit current
protection, it reduces and limits the heating
effects of over-temperature and/or over-
current conditions on the LDO and surrounding
circuits.
REVERSE BIAS PROTECTION
In addition to the standard protection features
in these devices, they also incorporate a
reverse bias protection.
Most LDOs have a
parasitic body diode that provides a path from
VOUT to VIN if the input is shorted to ground. The
XRP6274 has a blocking diode to ensure that no
high discharge currents can occur between the
output and the input when the input is shorted
to ground.


Similar Part No. - XRP6274EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272IDBTR-F EXAR-XRP6272IDBTR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
   3A Ultra Low Dropout Voltage Regulator
More results

Similar Description - XRP6274EVB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
   2A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Nuvoton Technology Corp...
NCT3720S NUVOTON-NCT3720S Datasheet
712Kb / 15P
   Maximum 2A, Ultra Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com