Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6141ELTR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP6141ELTR-F
Description  35A Synchronous Step Down COT Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6141ELTR-F Datasheet(HTML) 1 Page - Exar Corporation

  XRP6141ELTR-F Datasheet HTML 1Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 2Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 3Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 4Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 5Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 6Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 7Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 8Page - Exar Corporation XRP6141ELTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
XRP6141
35A Synchronous Step Down COT Controller
July 2015
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP6141 is a synchronous step-down
controller for point-of load supplies up to 35A.
A wide 4.5V to 22V input voltage range allows
for single supply operation from industry
standard 5V, 12V and 19.6V rails.
With a proprietary emulated current mode
Constant On-Time (COT) control scheme, the
XRP6141 provides extremely fast line and load
transient
response
using
ceramic
output
capacitors. It requires no loop compensation
hence simplifying circuit implementation and
reducing overall component count. The control
loop also provides exceptional line regulation
and maintains constant operating frequency. A
selectable power saving mode, allows the user
to operate in discontinuous mode (DCM) at light
current loads thereby significantly increasing
the converter efficiency.
A host of protection features, including over-
current, over-temperature, short-circuit and
UVLO, help achieve safe operation under
abnormal operating conditions.
The XRP6141 is available in RoHS compliant,
green/halogen free space-saving 16-pin 3x3
QFN package.
APPLICATIONS
 Networking and Communications
 Fast Transient Point-of-Loads
 Industrial and Medical Equipment
 Embedded High Power FPGA
FEATURES
 35A Capable Step Down Controller
 Wide Input Voltage Range
o
5V to 22V Single Supply
o
4.5V to 5.5V Low VIN
 Integrated high Current 2A/3A Drivers
 0.6V to 18V Adjustable Output Voltage
 Proprietary Constant On-Time Control
 No Loop Compensation Required
 Ceramic Output Cap. Stable operation
 Programmable 200ns-2µs
 Constant 200kHz-800kHz Frequency
 Selectable CCM or CCM/DCM Operation
 Programmable hiccup current limit
with thermal compensation
 Precision Enable and Power-Good Flag
 Programmable Soft-start
 Integrated Bootstrap diode
 16-pin QFN Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP6141 Application Diagram


Similar Part No. - XRP6141ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141ELTR-F EXAR-XRP6141ELTR-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
More results

Similar Description - XRP6141ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com