Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6141ELMTR-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP6141ELMTR-F
Description  35A Synchronous Step Down COT Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6141ELMTR-F Datasheet(HTML) 5 Page - Exar Corporation

  XRP6141ELMTR-F Datasheet HTML 1Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 2Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 3Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 4Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 5Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 6Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 7Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 8Page - Exar Corporation XRP6141ELMTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XRP6141
35A Synchronous Step Down COT Controller
© 2015 Exar Corporation
5/14
Rev. 2.0.0
PIN DESCRIPTION
Name
Pin Number
Description
GL
1
Driver output for Low-side N-channel synchronous MOSFET.
NC
2
Internally not connected. Leave this pin floating.
SW
3
Lower supply rail for high-side gate driver GH. Connect this pin to the junction between
the two external N-channel MOSFETs.
GH
4
Driver output for high-side N-channel switching MOSFET.
BST
5
High-side driver supply pin. Connect a 0.1uF bootstrap capacitor between BST and SW.
ILIM
6
Over-current protection programming. Connect with a resistor to the Drain of the low-
side MOSFET.
EN/MODE
7
Precision enable pin. Pulling this pin above 1.9V will turn the IC on and it will operate in
Forced CCM. If the voltage is raised above 3.0V then the IC will operate in DCM or CCM
depending on load.
TON
8
Constant on-time programming pin. Connect with a resistor to AGND.
SS
9
Soft-Start pin. Connect an external capacitor between SS and AGND to program the
soft-start rate based on the 10uA internal source current.
PGOOD
10
Power-good output. This open-drain output is pulled low when VOUT is outside the
regulation.
FB
11
Feedback input to feedback comparator. Connect with a set of resistors to VOUT and
GND in order to program VOUT.
AGND
12, 13
Analog ground. Control circuitry of the IC is referenced to this pin.
VIN
14
IC supply input. Provides power to internal LDO.
VCC
15
The output of LDO. For operation using a 5V rail, VCC should be shorted to VIN.
PGND
16
Low side driver ground
Exposed Pad
Thermal pad for heat dissipation. Connect to AGND with a short trace.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
XRP6141EL-F
-40°C≤TJ≤+125°C
6141
YWW
XXXX
3x3mm
QFN16
Tray
Lead Free and/or
Halogen Free
XRP6141ELMTR-F
-40°C≤TJ≤+125°C
250/Tape & Reel
XRP6141ELTR-F
-40°C≤TJ≤+125°C
3k/Tape & Reel
XRP6141EVB
XRP6141 Evaluation Board
“Y” = Year – “WW” = Work Week – “X” = Lot Number; when applicable.


Similar Part No. - XRP6141ELMTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141ELMTR-F EXAR-XRP6141ELMTR-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
More results

Similar Description - XRP6141ELMTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com